Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221-I/P Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2221-I/P
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/P Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2221-I/P Datasheet HTML 2Page - Microchip Technology MCP2221-I/P Datasheet HTML 3Page - Microchip Technology MCP2221-I/P Datasheet HTML 4Page - Microchip Technology MCP2221-I/P Datasheet HTML 5Page - Microchip Technology MCP2221-I/P Datasheet HTML 6Page - Microchip Technology MCP2221-I/P Datasheet HTML 7Page - Microchip Technology MCP2221-I/P Datasheet HTML 8Page - Microchip Technology MCP2221-I/P Datasheet HTML 9Page - Microchip Technology MCP2221-I/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
MCP2221
DS20005292B-page 6
 2015 Microchip Technology Inc.
1.4.2
CHIP SETTINGS MAP
The Chip Settings area resides in Flash memory and is
copied into SRAM at run time. Not all of the device’s
settings can be altered at run time. All the fields in the
Flash settings can be altered by the user.
TABLE 1-3:
CHIP SETTINGS MAP
Byte
Index
Register Name
Comments
0
CHIPSETTING0
Controls the USB CDC serial number enumeration, default state for the GP LED
designation, default state for GP dedicated-function pins and chip settings
protection level
1
CHIPSETTING1
Default clock output divider and duty cycle
2
CHIPSETTING2
DAC reference options and default DAC value
3
CHIPSETTING3
ADC reference and interrupt detection settings
4
USBVIDL
USB VID lower byte
5
USBVIDH
USB VID higher byte
6
USBPIDL
USB PID lower value
7
USBPIDH
USB PID higher byte
8
USBPWRATTR
USB power attributes
9
USBREQCRT
USB required current
10
PASS0
Password byte 0
11
PASS1
Password byte 1
12
PASS2
Password byte 2
13
PASS3
Password byte 3
14
PASS4
Password byte 4
15
PASS5
Password byte 5
16
PASS6
Password byte 6
17
PASS7
Password byte 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com