Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221-I/P Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP2221-I/P
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/P Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP2221-I/P Datasheet HTML 40Page - Microchip Technology MCP2221-I/P Datasheet HTML 41Page - Microchip Technology MCP2221-I/P Datasheet HTML 42Page - Microchip Technology MCP2221-I/P Datasheet HTML 43Page - Microchip Technology MCP2221-I/P Datasheet HTML 44Page - Microchip Technology MCP2221-I/P Datasheet HTML 45Page - Microchip Technology MCP2221-I/P Datasheet HTML 46Page - Microchip Technology MCP2221-I/P Datasheet HTML 47Page - Microchip Technology MCP2221-I/P Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
MCP2221
DS20005292B-page 44
 2015 Microchip Technology Inc.
3.1.10
I2C READ DATA – GET I2C DATA
This command is used to read back the data from the
I2C Slave device.
3.1.10.1
Responses
TABLE 3-30:
COMMAND STRUCTURE
Byte
Index
Value
Effect
00x40
I2C Read Data – Get I2C Data – command code
1-63
Don’t
care
TABLE 3-31:
RESPONSE 1 STRUCTURE
Byte
Index
Value
Effect
00x40
I2C Read Data – Get I2C Data – command code echo
1
0x00
Command completed successfully
0x41
Error reading the I2C slave data from the I2C engine
2
Internal I2C Engine state (at the moment the command was issued) – useful for monitoring the I2C
Engine’s status
3
0-60
The number of read-back data bytes to follow in this packet: from 0 to a maximum of 60 bytes of
read-back bytes
127
This value is signaled when an error has occurred and the following data should not be taken into
account
4-63
User Data or Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com