Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021AT-500E/P Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2021AT-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021AT-500E/P Datasheet(HTML) 3 Page - Microchip Technology

  MCP2021AT-500E/P Datasheet HTML 1Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 2Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 3Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 4Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 5Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 6Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 7Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 8Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
 2012-2014 Microchip Technology Inc.
DS20002298C-page 3
MCP2021A/2A
1.0
DEVICE OVERVIEW
The MCP2021A/2A devices provide a physical
interface between a microcontroller and a LIN
half-duplex bus. They are intended for automotive and
industrial applications with serial bus baud rates up to
20 kBaud. These devices will translate the CMOS/TTL
logic levels to LIN logic levels and vice versa.
The MCP2021A/2A offer optimum EMI and ESD
performance and can withstand high voltage on the LIN
bus. The devices support two low-power modes to
meet
automotive
industry
power
consumption
requirements. The MCP2021A/2A also provide a +5V
or 3.3V regulated power output at 70 mA.
1.1
Modes of Operation
The MCP2021A/2A work in five modes: Power-On
Reset,
Power-Down,
Ready,
Operation
and
Transmitter Off. For an overview of all operational
modes, please refer to Table 1-1. For the operational
mode transition, please refer to Figure 1-1.
FIGURE 1-1:
STATE DIAGRAM
Note 1:
VREG_OK: Regulator Output Voltage > 0.8VREG_NOM.
2:
If the voltage on pin VBB falls below VOFF, the device will enter Power-On Reset mode from all other
modes, which is not shown in the figure.
3:
FAULT/TXE = 1 represents input high and no fault conditions. FAULT/TXE = 0 represents input low or a
fault condition. Refer to Table 1-5.
POR
(2)
VREG OFF
RX OFF
TX OFF
READY
VREG ON
RX ON
TX OFF
TX OFF
VREG ON
RX ON
TX OFF
POWER-DOWN
VREG OFF
RX OFF
TX OFF
OPERATION
VREG ON
RX ON
TX ON
VBB >VON
CS/LWAKE =
1&
FAULT/TXE =
0&
CS/LWAKE =
0
CS/LWAKE =
1 &
FAULT/TXE =
1(3) &
TXD =
1&
VREG_OK =
1(1)
CS/LWAKE =
1&
FAULT/TXE =
1(3)&
TXD =
1
CS/LWAKE =
1&
FAULT/TXE =
0
CS/LWAKE =
0
CS/LWAKE =
1 OR
Voltage Rising Edge on LBUS
CS/LWAKE =
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com