Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021AT-500E/P Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2021AT-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021AT-500E/P Datasheet(HTML) 4 Page - Microchip Technology

  MCP2021AT-500E/P Datasheet HTML 1Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 2Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 3Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 4Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 5Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 6Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 7Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 8Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
MCP2021A/2A
DS20002298C-page 4
 2012-2014 Microchip Technology Inc.
1.1.1
POWER-ON RESET MODE
Upon application of VBB or whenever the voltage on
VBB is below the threshold of regulator turn-off voltage
VOFF (typically 4.50V), the device enters Power-On
Reset (POR) mode. During this mode, the device
maintains the digital section in a Reset mode and waits
until the voltage on the VBB pin rises above the
threshold of regulator turn-on voltage VON (typically
5.75V) to enter Ready mode. In Power-On Reset
mode, the LIN physical layer and voltage regulator are
disabled and the RESET output (MCP2022A only) is
forced to low.
1.1.2
READY MODE
The device enters Ready mode from POR mode after
the voltage on VBB rises above the threshold of
regulator turn-on voltage VON or from Power-Down
mode when a remote or local wake-up event happens.
Upon entering Ready mode, the voltage regulator and
the receiver section of the transceiver are powered up.
The transmitter remains in an off state. The device is
ready to receive data but not to transmit. In order to
minimize the power consumption, the regulator
operates in a reduced-power mode. It has a lower
GBW product and it is thus slower. However, the 70 mA
drive capability is unchanged.
The device stays in Ready mode until the output of the
voltage regulator has stabilized and the CS/LWAKE pin
is high (‘1’).
1.1.3
OPERATION MODE
If VREG is OK (VREG >0.8 VREG_NORM) and the
CS/LWAKE, FAULT/TXE and TXD pins are high, the
part enters Operation mode from either Ready or
Transmitter Off mode.
In this mode, all internal modules are operational. The
internal pull-up resistor between LBUS and VBB is
connected only in this mode.
The device goes into Power-Down mode at the falling
edge on CS/LWAKE or into Transmitter Off mode at the
falling edge on FAULT/TXE while CS/LWAKE stays
high.
1.1.4
TRANSMITTER OFF MODE
In Transmitter Off mode, the receiver is enabled but the
LBUS transmitter is off. It is a lower power mode.
In order to minimize power consumption, the regulator
operates in a reduced-power mode. It has a lower
GBW product and it is thus slower. However, the 70 mA
drive capability is unchanged.
The transmitter may be re-enabled whenever the
FAULT/TXE signal returns high, by removing the
internal fault condition and by driving FAULT/TXE high.
The transmitter will not be enabled even if the
FAULT/TXE pin is brought high externally, when the
internal fault is still present. However, externally forcing
the FAULT/TXE high while the internal fault is still
present should be avoided, since this will induce high
current and power dissipation in the FAULT/TXE pin.
The transmitter is also turned off whenever the voltage
regulator is unstable or recovering from a fault. This
prevents unwanted disruption of the bus during times of
uncertain operation.
1.1.5
POWER-DOWN MODE
In Power-Down mode, the transceiver and the voltage
regulator are both off. Only the bus wake-up section
and the CS/LWAKE pin wake-up circuits are in
operation. This is the lowest power mode.
If any bus activity (e.g., a Break character) occurs
during Power-Down mode, the device will immediately
enter Ready mode and enable the voltage regulator.
Then, once the regulator output has stabilized
(approximately 0.3 ms to 1.2 ms), it goes into
Operation mode. Refer to Section 1.1.6 “Remote
Wake-Up”
.
The part will also enter Ready mode from Power-Down
mode, followed by the Operation mode, if the
CS/LWAKE pin becomes active high (‘1’).
1.1.6
REMOTE WAKE-UP
The Remote Wake-Up sub-module observes the LBUS
in order to detect bus activity. In Power-Down mode,
normal LIN recessive/dominant threshold is disabled
and the LIN bus wake-up voltage threshold VWK(LBUS)
is used to detect bus activities. Bus activity is detected
when the voltage on the LBUS falls below the LIN bus
wake-up voltage threshold VWK(LBUS) (approximately
3.5V) for at least tBDB (a typical duration of 80 µs)
followed by a rising edge. Such a condition causes the
device to leave Power-Down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com