Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021AT-500E/P Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP2021AT-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021AT-500E/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP2021AT-500E/P Datasheet HTML 12Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 13Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 14Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 15Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 16Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 17Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 18Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 19Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
MCP2021A/2A
DS20002298C-page 16
 2012-2014 Microchip Technology Inc.
2.3
DC Specifications
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for
VBB = 6.0V to 18.0V, TA = -40°C to +125°C, CREG =10µF.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Power
VBB Quiescent Operating
Current
IBBQ
——
200
µA
IOUT =0 mA
LBUS recessive
VREG =5.0V
——
200
µA
IOUT =0 mA
LBUS recessive
VREG =3.3V
VBB Ready Current
IBBRD
——
100
µA
IOUT =0 mA
LBUS recessive
VREG =5.0V
——
100
µA
IOUT =0 mA
LBUS recessive
VREG =3.3V
VBB Transmitter-Off Current
IBBTO
—
—
100
µA
With voltage regulator on,
transmitter off, receiver
on, FAULT/TXE =VIL,
CS = VIH, VREG =5.0V
—
—
100
µA
With voltage regulator on,
transmitter off, receiver
on, FAULT/TXE =VIL,
CS = VIH, VREG =3.3V
VBB Power-Down Current
IBBPD
—
4.5
8
µA
With voltage regulator off,
receiver on and
transmitter off,
FAULT/TXE =VIH,
TXD =VIH, CS = VIL
VBB Current with VSS
Floating
IBBNOGND
-1
—
1
mA
VBB = 12V, GND to VBB,
VLIN =0 –18V
Microcontroller Interface
High-Level Input Voltage
(TXD, FAULT/TXE)
VIH
2.0
—
VREG
+0.3
V
Low-Level Input Voltage
(TXD, FAULT/TXE)
VIL
-0.3
—
0.8
V
High-Level Input Current
(TXD, FAULT/TXE)
IIH
-2.5
—
0.4
µA
Input voltage = 4.0V
~800 k
 internal adaptive
pull-up
Low-Level Input Current
(TXD, FAULT/TXE)
IIL
-10
—
—
µA
Input voltage = 0.5V
~800 k
 internal adaptive
pull-up
High-Level Input Voltage
(CS/LWAKE)
VIH
2.0
—
VBB
V
Through a current-limiting
resistor
Low-Level Input Voltage
(CS/LWAKE)
VIL
-0.3
—
0.8
V
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS =0W, TX =0, VLBUS =VBB).
2:
Characterized, not 100% tested.
3:
In Power-Down mode, normal LIN recessive/dominant threshold is disabled. VWK(LBUS) is used to detect
bus activities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com