Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021AT-500E/P Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2021AT-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021AT-500E/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2021AT-500E/P Datasheet HTML 4Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 5Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 6Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 7Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 8Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 9Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 10Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 11Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
MCP2021A/2A
DS20002298C-page 8
 2012-2014 Microchip Technology Inc.
1.3
Fail-Safe Features
1.3.1
GENERAL FAIL-SAFE FEATURES
• An internal pull-down resistor on CS/LWAKE pin
disables the transmitter if the pin is floating.
• An internal pull-up resistor on the TXD pin places
TXD in high and the LBUS in recessive if the TXD
pin is floating.
• High-impedance and low-leakage current on LBUS
during loss of power or ground.
• The current limit on LBUS protects the transceiver
from being damaged if the pin is shorted to VBB.
1.3.2
THERMAL PROTECTION
The thermal protection circuit monitors the die
temperature and is able to shut down the LIN
transmitter and voltage regulator.
There are three causes for a thermal overload. A
thermal shutdown can be triggered by any one, or a
combination of, the following thermal overload
conditions:
• Voltage regulator overload
• LIN bus output overload
• Increase in die temperature due to increase in
environment temperature
The recovery time from the thermal shutdown is equal
to adequate cooling time.
Driving the TXD and checking the RXD pin make it
possible to determine whether there is a bus contention
(TXD = high, RXD = low) or a thermal overload
condition (TXD =low, RXD = high).
FIGURE 1-2:
THERMAL SHUTDOWN
STATE DIAGRAMS
1.3.3
TXD/LBUS TIME-OUT TIMER
The LIN bus can be driven to a dominant level either
from the TXD pin or externally. An internal timer
deactivates the LBUS transmitter if a dominant status
(low) on the LIN bus lasts longer than Bus Dominant
Time-out
Time,
tTO(LIN)
(approximately
20 milliseconds). At the same time, the RXD output is
put in recessive (high), FAULT/TXE is also driven to low
and the internal LIN pull-up resistor is disconnected.
The timer is reset on any recessive LBUS status or POR
mode. The recessive status on LBUS can be caused
either by the bus being externally pulled up or by the
TXD pin being returned high.
1.4
Internal Voltage Regulator
The MCP2021A/2A have a positive regulator capable
of supplying +5.00 or +3.30 VDC ±3% at up to 70 mA of
load current over the entire operating temperature
range of -40°C to +125°C. The regulator uses a LDO
design, is short-circuit-protected and will turn the
regulator output off if its output falls below the shutdown
voltage threshold, VSD.
With a load current of 70 mA, the minimum input to
output voltage differential required for the output to
remain in regulation is typically +0.5V (+1V maximum
over the full operating temperature range). Quiescent
current is less than 100 µA with a full 70 mA load
current when the input to output voltage differential is
greater than +3.00V.
Regarding the correlation between VBB, VREG and IDD,
please refer to Figures 1-4 and 1-5. When the input
voltage (VBB) drops below the differential needed to
provide stable regulation, the voltage regulator output,
VREG, will track the input down to approximately VOFF,
at which point the regulator will turn off the output. This
will allow PIC® microcontrollers with internal POR
circuits to generate a clean arming of the POR trip
point. The MCP2021A/2A will then monitor VBB and
turn on the regulator when VBB is above the threshold
of regulator turn-on voltage, VON.
In Power-Down mode, the VBB monitor is turned off.
Under specific ambient temperature and battery
voltage range, the voltage regulator can output as high
as 150 mA current. For current load capability of the
voltage regulator, refer to Figures 2-8 and 2-9.
Voltage
Regulator
Shutdown
Operation
Mode
Transmitter
Shutdown
Output
Overload
LIN Bus
Shorted to
VBB
Temp < SHUTDOWNTEMP Temp < SHUTDOWNTEMP
Note:
The regulator has an overload current limit
of approximately 250 mA. The regulator
output voltage, VREG, is monitored. If
output voltage VREG is lower than VSD, the
voltage regulator will turn off. After a
recovery time of about 3 ms, the VREG will
be checked again. If there is no short
circuit (VREG >VSD), then the voltage
regulator remains on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com