Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021AT-500E/P Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2021AT-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021AT-500E/P Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2021AT-500E/P Datasheet HTML 3Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 4Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 5Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 6Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 7Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 8Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 9Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 10Page - Microchip Technology MCP2021AT-500E/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
 2012-2014 Microchip Technology Inc.
DS20002298C-page 7
MCP2021A/2A
1.2.7
GROUND (VSS)
Ground pin.
1.2.8
LIN BUS (LBUS)
LIN Bus pin. LBUS is a bidirectional LIN bus interface
pin and is controlled by the signal TXD. It has an open
collector output with a current limitation. To reduce
electromagnetic emission, the slopes during signal
changes are controlled and the LBUS pin has
corner-rounding control for both falling and rising
edges.
The internal LIN receiver observes the activities on the
LIN bus and generates the output signal RXD that
follows the state of the LBUS. A 1st degree 160 kHz
low-pass
input
filter
optimizes
electromagnetic
immunity.
1.2.9
BATTERY POSITIVE SUPPLY
VOLTAGE (VBB)
Battery Positive Supply Voltage pin. An external diode
is connected in series to prevent the device from being
reversely powered (refer to Figure 1-7).
1.2.10
FAULT DETECT
OUTPUT/TRANSMITTER ENABLE
INPUT (FAULT/TXE)
Fault Detect Output/Transmitter Enable Input pin. The
output section is HV-tolerant open-drain (up to 30V).
The input section is identical to the TXD section (TTL
level, HV-compliant, adaptive pull-up). The internal
pull-up resistor may be too weak for some applications.
We recommend adding a 10 k
 external pull-up
resistor to ensure a logic high level. Its state is defined
as shown in Table 1-5. The device is placed in
Transmitter Off mode whenever this pin is low (‘0’),
either from an internal fault condition or by external
drive.
If CS/LWAKE is high (‘1’), the FAULT/TXE signals a
mismatch between the TXD input and the LBUS level.
This can be used to detect a bus contention. Since the
bus exhibits a propagation delay, the sampling of the
internal compare is debounced to eliminate false faults.
After the device wakes up, the FAULT/TXE indicates
what wakes the device if CS/LWAKE remains low (‘0’)
(refer to Table 1-5).
The FAULT/TXE pin sampled at a rate faster than every
10 µs.
TABLE 1-3:
FAULT/TXE TRUTH TABLE
TXD
In
RXD
Out
LINBUS
I/O
Thermal
Override
FAULT/TXE
Definition
External
Input
Driven
Output
CS = 1
LH
VBB
OFF
H
L
FAULT
, TXD driven low, LBUS shorted to VBB (Note 1)
or LBUS/TXD permanent dominant detected and Trans-
mit time-out shutdown.
HH
VBB
OFF
H
H
OK
LL
GND
OFF
H
H
OK
HL
GND
OFF
H
H
OK
, data is being received from LBUS
xx
VBB
ON
H
L
FAULT
, Transceiver in thermal shutdown
xx
VBB
xL
x
NO FAULT
, the CPU is commanding the transceiver
to turn off the transmitter driver
CS = 0
xx
x
x
x
L
Wake-up from LIN bus activity
xx
x
x
x
H
Wake-up from POR
Legend:
x= Don’t care
Note 1:
The FAULT/TXE is valid after approximately 25 µs after the TXD falling edge. This is to eliminate false fault
reporting during bus propagation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com