Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1428 Datasheet(PDF) 30 Page - Microchip Technology

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1428 Datasheet(HTML) 30 Page - Microchip Technology

Back Button EMC1428 Datasheet HTML 26Page - Microchip Technology EMC1428 Datasheet HTML 27Page - Microchip Technology EMC1428 Datasheet HTML 28Page - Microchip Technology EMC1428 Datasheet HTML 29Page - Microchip Technology EMC1428 Datasheet HTML 30Page - Microchip Technology EMC1428 Datasheet HTML 31Page - Microchip Technology EMC1428 Datasheet HTML 32Page - Microchip Technology EMC1428 Datasheet HTML 33Page - Microchip Technology EMC1428 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Data Sheet
DS20005275A-page 30
 2014 Microchip Technology Inc.
5.3
Status Register
The Status Register reports general error conditions. To identify specific channels, refer to Section 5.9,
Section 5.18, Section 5.19, and Section 5.20. The individual Status Register bits (except HOTTEST)
are cleared when the appropriate High Limit, Low Limit, or THERM Limit register has been read or
cleared.
Bit 7 - BUSY - This bit indicates that the ADC is currently converting. This bit does not cause the
ALERT pin to be asserted.
Bit 6 - HOTTEST - This bit is set if the REM_HOT bit (see Section 5.23) is set and the hottest channel
changes. This bit is cleared when the register is read.
Bit 4 - HIGH - This bit is set when any of the temperature channels meets or exceeds its programmed
high limit. See the High Limit Status Register for specific channel information (Section 5.18). When set,
this bit will assert the ALERT pin.
Bit 3 - LOW - This bit is set when any of the temperature channels drops below its programmed low
limit. See the Low Limit Status Register for specific channel information (Section 5.19). When set, this
bit will assert the ALERT pin.
Bit 2 - FAULT - This bit is asserted when a diode fault is detected on any of the external diode
channels. See the External Diode Fault Register for specific channel information (Section 5.9). When
set, this bit will assert the ALERT pin.
Bit 1 - SW_SYS - This bit is set when any of the external diode channels meet or exceed the respected
THERM Limits. See the Therm Status Register for specific channel information (Section 5.20)
Bit 0 - HWSD - This bit is set when the External Diode 1 Temperature meets or exceeds the Hardware
Critical / Thermal Shutdown Limit. When set, this bit will assert the SYS_SHDN pin. This bit is cleared
when read if the SYS_SHDN pin has been released.
5.4
Configuration Register
The Configuration Register controls the basic operation of the device. This register is fully accessible
at either address.
Table 5.4 Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
02h
R
Status
BUSY
HOT
TEST
-
HIGH
LOW
FAULT
SW_
SYS
HWSD
00h
Table 5.5 Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
03h
R/W
Config
MASK_
ALL
-
ALERT/
COMP
-
-
-
DAVG_
DIS
-
00h
09h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com