Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1428 Datasheet(PDF) 17 Page - Microchip Technology

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1428 Datasheet(HTML) 17 Page - Microchip Technology

Back Button EMC1428 Datasheet HTML 13Page - Microchip Technology EMC1428 Datasheet HTML 14Page - Microchip Technology EMC1428 Datasheet HTML 15Page - Microchip Technology EMC1428 Datasheet HTML 16Page - Microchip Technology EMC1428 Datasheet HTML 17Page - Microchip Technology EMC1428 Datasheet HTML 18Page - Microchip Technology EMC1428 Datasheet HTML 19Page - Microchip Technology EMC1428 Datasheet HTML 20Page - Microchip Technology EMC1428 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Data Sheet
 2014 Microchip Technology Inc.
DS20005275A-page 17
The External Diode 1 channel and any software enabled channels are subject to the fault queue such
that the error must exceed the threshold for one to four consecutive measurements before the
SYS_SHDN pin is asserted.
Figure 4.2 shows a block diagram of the interaction between the input channels and the SYS_SHDN
pin.
4.3
TRIP_SET Pin
The EMC1428’s TRIP_SET pin is an input to the Critical / Thermal Shutdown logic block which sets
the Critical / Thermal shutdown temperature. The system designer creates a voltage level at this input
through a simple resistor connected to GND as shown in Figure 4.3. The value of this resistor is used
to create an input voltage on the TRIP_SET pin which is translated into a temperature ranging from
65°C to 127°C as enumerated in Table 4.1.
APPLICATION NOTE: Current only flows when the TRIP_SET pin is being monitored. At all other times, the internal
reference voltage is removed and the TRIP_SET pin will be pulled down to ground.
APPLICATION NOTE: The TRIP_SET pin circuitry is designed to use a 1% resistor externally. Using a 1% resistor
will result in the Thermal / Critical Shutdown temperature being decoded correctly. If a 5%
resistor is used, then the Thermal / Critical Shutdown temperature may be decoded with as
much as ±1°C error.
APPLICATION NOTE: Note that an open condition on the TRIP_SET pin will be decoded as a minimum
temperature threshold level.
Figure 4.2 Block Diagram of Hardware Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com