Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1428 Datasheet(PDF) 14 Page - Microchip Technology

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1428 Datasheet(HTML) 14 Page - Microchip Technology

Back Button EMC1428 Datasheet HTML 10Page - Microchip Technology EMC1428 Datasheet HTML 11Page - Microchip Technology EMC1428 Datasheet HTML 12Page - Microchip Technology EMC1428 Datasheet HTML 13Page - Microchip Technology EMC1428 Datasheet HTML 14Page - Microchip Technology EMC1428 Datasheet HTML 15Page - Microchip Technology EMC1428 Datasheet HTML 16Page - Microchip Technology EMC1428 Datasheet HTML 17Page - Microchip Technology EMC1428 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Data Sheet
DS20005275A-page 14
 2014 Microchip Technology Inc.
The EMC1428 will respond to the ARA in the following way:
1. Send Slave Address and verify that full slave address was sent (i.e. the SMBus communication
from the device was not prematurely stopped due to a bus contention event).
2. Set the MASK bit to clear the ALERT pin.
APPLICATION NOTE: The ARA does not clear the Status Register and if the MASK bit is cleared prior to the Status
Register being cleared, the ALERT pin will be reasserted.
3.7
SMBus Address
The EMC1428-1 devices respond to the 7-bit slave address 1001_100xb.
The EMC1428-6 will respond to the 7-bit slave address 1001_101xb.
The EMC1428-7 slave address is determined at power up via the pull-up resistor on the SYS_SHDN
pin as shown in Table 3.7.
Note: Other addresses are available. Contact Microchip for more information.
3.8
SMBus Timeout
The EMC1428 support SMBus Timeout. If the clock line is held low for longer than 30ms, the device
will reset its SMBus protocol. This function can be enabled by setting the TIMEOUT bit in the
Consecutive Alert Register (see Section 5.14).
Table 3.6 Alert Response Address Protocol
START
ALERT
RESPONSE
ADDRESS
RD
ACK
DEVICE
ADDRESS
NACK
STOP
1 -> 0
0001_100
1
0
1001_1000
1
1 -> 0
Table 3.7 Address Select Decode on SYS_SHDN Pin
PULL UP
RESISTOR
SMBUS
ADDRESS
4.7k Ohm ±5%
1001_000xb
6.8k Ohm ±5%
1001_001xb
10k Ohm ±5%
1001_010xb
15k Ohm ±5%
1001_011xb
22k Ohm ±5%
1001_100xb
33k Ohm ±5%
1001_101xb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com