Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1428 Datasheet(PDF) 12 Page - Microchip Technology

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1428 Datasheet(HTML) 12 Page - Microchip Technology

Back Button EMC1428 Datasheet HTML 8Page - Microchip Technology EMC1428 Datasheet HTML 9Page - Microchip Technology EMC1428 Datasheet HTML 10Page - Microchip Technology EMC1428 Datasheet HTML 11Page - Microchip Technology EMC1428 Datasheet HTML 12Page - Microchip Technology EMC1428 Datasheet HTML 13Page - Microchip Technology EMC1428 Datasheet HTML 14Page - Microchip Technology EMC1428 Datasheet HTML 15Page - Microchip Technology EMC1428 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Data Sheet
DS20005275A-page 12
 2014 Microchip Technology Inc.
Chapter 3 System Management Bus Interface Protocol
3.1
System Management Bus Interface Protocol
The EMC1428 communicate with a host controller, such as a Microchip SIO, through the SMBus. The
SMBus is a two-wire serial communication protocol between a computer host and its peripheral
devices. A detailed timing diagram is shown in Figure 3.1.
The EMC1428 are SMBus 2.0 compatible and support Send Byte, Read Byte, Write Byte, Receive
Byte, and the Alert Response Address as valid protocols as shown below.
All of the below protocols use the convention in Table 3.1.
Attempting to communicate with the EMC1428 SMBus interface with an invalid slave address or invalid
protocol will result in no response from the device and will not affect its register contents. Stretching
of the SMCLK signal is supported, provided other devices on the SMBus control the timing.
3.2
Write Byte
The Write Byte is used to write one byte of data to the registers as shown below Table 3.2:
Figure 3.1 SMBus Timing Diagram
Table 3.1 Protocol Format
DATA SENT
TO DEVICE
DATA SENT TO
THE HOST
Table 3.2 Write Byte Protocol
START
SLAVE
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
REGISTER
DATA
ACK
STOP
1 -> 0
1001_100
0
0
XXh
0
XXh
0
0 -> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com