Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1428 Datasheet(PDF) 34 Page - Microchip Technology

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1428 Datasheet(HTML) 34 Page - Microchip Technology

Back Button EMC1428 Datasheet HTML 30Page - Microchip Technology EMC1428 Datasheet HTML 31Page - Microchip Technology EMC1428 Datasheet HTML 32Page - Microchip Technology EMC1428 Datasheet HTML 33Page - Microchip Technology EMC1428 Datasheet HTML 34Page - Microchip Technology EMC1428 Datasheet HTML 35Page - Microchip Technology EMC1428 Datasheet HTML 36Page - Microchip Technology EMC1428 Datasheet HTML 37Page - Microchip Technology EMC1428 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Data Sheet
DS20005275A-page 34
 2014 Microchip Technology Inc.
The device contains both high and low limits for all temperature channels. If the measured temperature
meets or exceeds the high limit, then the corresponding status bit is set and the ALERT pin is asserted.
Likewise, if the measured temperature is less than the low limit, the corresponding status bit is set and
the ALERT pin is asserted.
The limit registers with multiple addresses are fully accessible at either address.
56h
R/W
External
Diode 5 High
Limit Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
57h
R/W
External
Diode 5 Low
Limit Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
58h
R/W
External
Diode 6 High
Limit High
Byte
Sign
64
32
16
8
4
2
1
55h
(85°C)
59h
R/W
External
Diode 6 Low
Limit High
Byte
Sign
64
32
16
8
4
2
1
00h
(0°C)
5Ah
R/W
External
Diode 6 High
Limit Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
5Bh
R/W
External
Diode 6 Low
Limit Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
5Ch
R/W
External
Diode 7 High
Limit High
Byte
Sign
64
32
16
8
4
2
1
55h
(85°C)
5Dh
R/W
External
Diode 7 Low
Limit High
Byte
Sign
64
32
16
8
4
2
1
00h
(0°C)
5Eh
R/W
External
Diode 7 High
Limit Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
5Fh
R/W
External
Diode 7 Low
Limit Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
Table 5.9 Temperature Limit Registers (continued)
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com