| Electronic Components Datasheet Search |
|
OM6206U/Z Datasheet(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OM6206U/Z Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 36 page ![]() 2001 Nov 14 10 Philips Semiconductors Product specification 65 × 102 pixels matrix LCD driver OM6206 handbook, full pagewidth MGT 863 09 110 2 3 4 5 0 8 0 101 X-address Y-address 6 7 8 917 Fig.5 Sequence of writing data bytes into RAM with vertical addressing (V = 1). handbook, full pagewidth MGT864 012 102 103 104 204 205 206 306 307 308 408 409 410 510 511 512 0 8 0 101 X-address Y-address 612 613 614 714 715 716 816 817 818 917 Fig.6 Sequence of writing data bytes into RAM with horizontal addressing (V = 0). 8 INSTRUCTIONS The instruction format is divided into two modes: • If D/C (mode select) is set LOW, the current byte is interpreted as command byte (see Table 1). • If D/C is set HIGH, the following bytes are stored in the display data RAM. After every data byte the address counter is incremented automatically. The level of the D/C signal is read during the last bit of data byte. Every instruction can be sent in any order to the OM6206. The MSB of a byte is transmitted first (see Fig.7). Figure 8 shows one possible command stream, used to set up the LCD driver. The serial interface is initialized when SCE is HIGH. In this state SCLK clock pulses have no effect and no power is consumed by the serial interface. A negative edge on SCE enables the serial interface and indicates the start of a data transmission. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |