Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OM6206U/Z Datasheet(PDF) 20 Page - NXP Semiconductors

Part # OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 16Page - NXP Semiconductors OM6206U/Z Datasheet HTML 17Page - NXP Semiconductors OM6206U/Z Datasheet HTML 18Page - NXP Semiconductors OM6206U/Z Datasheet HTML 19Page - NXP Semiconductors OM6206U/Z Datasheet HTML 20Page - NXP Semiconductors OM6206U/Z Datasheet HTML 21Page - NXP Semiconductors OM6206U/Z Datasheet HTML 22Page - NXP Semiconductors OM6206U/Z Datasheet HTML 23Page - NXP Semiconductors OM6206U/Z Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
2001 Nov 14
20
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
Notes
1. The maximum possible VLCD voltage that may be generated is dependent on voltage, temperature and (display) load.
2. Internal clock.
3. During Power-down mode, all static currents are switched off.
4. If external VLCD, the display load current is not transmitted to IDD.
5. Tolerance depends on the temperature; typical null at Tamb =27 °C; maximum tolerance values are measured at the
temperate range limit; maximum tolerance is proportional to VLCD.
6. For TC1 to TC3.
7. VDD = 2.8 V; no serial clock; Tamb = −20 to +70 °C; display load = 10 µA.
12 AC CHARACTERISTICS
VDD = 2.5 to 5.5 V; VSS =0V; VLCD = 4.5 to 9.0 V; Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1.
TC1
VLCD temperature
coefficient 1
note 7
−−0.76 × 10−3VLCD −
V/
°C
TC2
VLCD temperature
coefficient 2
note 7
−−1.05 × 10−3VLCD −
V/
°C
TC3
VLCD temperature
coefficient 3
note 7
−−2.10 × 10−3VLCD −
V/
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fosc
oscillator frequency
VDD = 2.8 V; Tamb = −20 to +70 °C 223867kHz
fext
external clock frequency
20
38
67
kHz
fframe
frame frequency
fosc or fext = 38 kHz; note 1
−
73
−
Hz
tVHRL
VDD HIGH to RES LOW time
see Fig.16
0 (2)
−
1
µs
tRW
RES LOW pulse width
see Fig.16
100
−−
ns
Serial bus timing characteristics; see Fig.15
fSCLK
clock frequency
VDD = 3.0 V ±10%; note 3
0
−
4
MHz
tCYC
SCLK clock cycle time
250
−−
ns
tPWH1
SCLK pulse width HIGH
100
−−
ns
tPWL1
SCLK pulse width LOW
100
−−
ns
tS2
SCE setup time
60
−−
ns
tH2
SCE hold time
100
−−
ns
tPWH2
SCE HIGH time
100
−−
ns
tH5
SCE start hold time
note 4
100
−−
ns
tS3
D/C setup time
100
−−
ns
tH3
D/C hold time
100
−−
ns
tS4
SDIN setup time
100
−−
ns
tH4
SDIN hold time
100
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f
frame
f
ext
520
----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com