Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OM6206U/Z Datasheet(PDF) 25 Page - NXP Semiconductors

Part # OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 21Page - NXP Semiconductors OM6206U/Z Datasheet HTML 22Page - NXP Semiconductors OM6206U/Z Datasheet HTML 23Page - NXP Semiconductors OM6206U/Z Datasheet HTML 24Page - NXP Semiconductors OM6206U/Z Datasheet HTML 25Page - NXP Semiconductors OM6206U/Z Datasheet HTML 26Page - NXP Semiconductors OM6206U/Z Datasheet HTML 27Page - NXP Semiconductors OM6206U/Z Datasheet HTML 28Page - NXP Semiconductors OM6206U/Z Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
2001 Nov 14
25
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
The required minimum value for the external capacitors in
an application with the OM6206 are:
• CVLCD > 100 µF
• CVDD, CVDD1 and CVDD2 >1 µF
Higher capacitor values are recommended for ripple
reduction.
13.3
Application for COG
The pinning of the OM6206 is optimized for single plane
wiring e.g. for Chip-On-Glass (COG) display modules with
display size of 65
× 102 pixels.
To reduce the sensitivity of a reset to ESD/EMC
disturbances for a chip-on-glass application, it is strongly
recommended to implement on the glass (indium track
resistance) a series input resistance in the reset line
(recommended minimum value of 8 k
Ω).
13.4
Chip information
The OM6206 is manufactured in n-well CMOS technology.
The substrate is on VSS potential.
14 BONDING PAD INFORMATION
SYMBOL
PAD
COORDINATES(1)
xy
RES_B
1
−3870
+935
row32
2
−4270
+935
row31
3
−4340
+935
row30
4
−4410
+935
row29
5
−4480
+935
row28
6
−4550
+935
row27
7
−4620
+935
row26
8
−4690
+935
row25
9
−4760
+935
row24
10
−4830
+935
row23
11
−4900
+935
row22
12
−4970
+935
row21
13
−5040
+935
row20
14
−5110
+935
row19
15
−5180
+935
dummy pad
16
−5320
+935
dummy pad
17
−5355
−935
row0
18
−5005
−935
row1
19
−4935
−935
row2
20
−4865
−935
row3
21
−4795
−935
row4
22
−4725
−935
row5
23
−4655
−935
row6
24
−4585
−935
row7
25
−4515
−935
row8
26
−4445
−935
row9
27
−4375
−935
row10
28
−4305
−935
row11
29
−4235
−935
row12
30
−4165
−935
row13
31
−4095
−935
row14
32
−4025
−935
row15
33
−3955
−935
row16
34
−3885
−935
row17
35
−3815
−935
row18
36
−3745
−935
col0
37
−3605
−935
col1
38
−3535
−935
col2
39
−3465
−935
col3
40
−3395
−935
col4
41
−3325
−935
col5
42
−3255
−935
col6
43
−3185
−935
col7
44
−3115
−935
col8
45
−3045
−935
col9
46
−2975
−935
col10
47
−2905
−935
col11
48
−2835
−935
col12
49
−2765
−935
col13
50
−2695
−935
col14
51
−2625
−935
col15
52
−2555
−935
col16
53
−2485
−935
col17
54
−2415
−935
col18
55
−2345
−935
SYMBOL
PAD
COORDINATES(1)
xy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com