Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OM6206U/Z Datasheet(PDF) 19 Page - NXP Semiconductors

Part # OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 15Page - NXP Semiconductors OM6206U/Z Datasheet HTML 16Page - NXP Semiconductors OM6206U/Z Datasheet HTML 17Page - NXP Semiconductors OM6206U/Z Datasheet HTML 18Page - NXP Semiconductors OM6206U/Z Datasheet HTML 19Page - NXP Semiconductors OM6206U/Z Datasheet HTML 20Page - NXP Semiconductors OM6206U/Z Datasheet HTML 21Page - NXP Semiconductors OM6206U/Z Datasheet HTML 22Page - NXP Semiconductors OM6206U/Z Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
2001 Nov 14
19
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
10 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
11 DC CHARACTERISTICS
VDD = 2.5 to 5.5 V; VSS =0V; VLCD = 4.5 to 9.0 V; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD1
supply voltage 1
2.5
−
5.5
V
VDD2,
VDD3
supply voltages 2 and 3
LCD voltage internally
generated (voltage generator
enabled)
2.5
−
4.5
V
VLCDIN
input supply voltage LCD
LCD voltage externally supplied
(voltage generator disabled)
4.5
−
9.0
V
VLCDOUT
output supply voltage LCD
LCD voltage internally
generated (voltage generator
enabled); note 1
4.5
−
9.0
V
IDD(tot)
total supply current
normal mode; VDD = 2.8 V;
VLCD = 7.6 V; no serial clock;
Tamb =25 °C; no display load;
4
× charge pump; note 2
−
200
300
µA
Power-down mode; with internal
or external VLCD; note 3
−
1.5
−µA
ILCDIN
supply current from
external VLCD
VDD = 2.8 V; VLCD = 7.6 V; no
serial clock; Tamb =25 °C; no
display load; notes 2 and 4
−
30
−µA
Logic
VIL
LOW-level input voltage
VSS
−
0.3VDD V
VIH
HIGH-level input voltage
0.7VDD −
VDD
V
IL
leakage current
VI =VDD or VSS
−1
−
+1
µA
Column and row outputs
Rcol
output resistance of
columns C0 to C101
VLCD = 7.6 V
−
12
20
k
Ω
Rrow
output resistance of
rows R0 to R64
VLCD = 7.6 V
−
12
20
k
Ω
Vcol
bias tolerance voltage of
columns C0 to C101
−100
0
+100
mV
Vrow
bias tolerance voltage of
rows R0 to R64
−100
0
+100
mV
LCD supply voltage generator
∆V
LCD
tolerance of internally
generated VLCD
VDD = 2.8 V; VLCD = 7.6 V; no
serial clock; Tamb =25 °C;
display load is 10
µA; notes 5
and 6
−300
0
+300
mV
TC0
VLCD temperature
coefficient 0
note 7
−
0
× 10−3VLCD
−
V/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com