Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB9261IPAPRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB9261IPAPRQ1
Description  USB 3.0 TO SATA BRIDGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB9261IPAPRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB9261IPAPRQ1 Datasheet HTML 1Page - Texas Instruments TUSB9261IPAPRQ1 Datasheet HTML 2Page - Texas Instruments TUSB9261IPAPRQ1 Datasheet HTML 3Page - Texas Instruments TUSB9261IPAPRQ1 Datasheet HTML 4Page - Texas Instruments TUSB9261IPAPRQ1 Datasheet HTML 5Page - Texas Instruments TUSB9261IPAPRQ1 Datasheet HTML 6Page - Texas Instruments TUSB9261IPAPRQ1 Datasheet HTML 7Page - Texas Instruments TUSB9261IPAPRQ1 Datasheet HTML 8Page - Texas Instruments TUSB9261IPAPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
USB 2.0 Connection
USB 3.0 Connection
USB 3.0 Hub
USB 3.0 Port
USB 2.0 Device
Console
SD Reader
HDD
(Media Drive)
TUSB9261-Q1
Console
Convenience Port
Embedded
Host
TUSB8041-Q1
Console
Convenience Port
TUSB9261-Q1
www.ti.com
SLLSEE2A – JANUARY 2014 – REVISED JANUARY 2014
USB 3.0 TO SATA BRIDGE
Check for Samples: TUSB9261-Q1
1
FEATURES
•
Qualified for Automotive Applications
•
Integrated ARM Cortex M3 Core
•
AEC-Q100 Qualified with the Following
–
Customizable Application Code Loaded
Exceptions:
From EEPROM Via SPI Interface
–
Device CDM ESD Classification Level C3
–
Two Additional SPI Port Chip Selects for
Peripheral Connection
•
Ideal for bridging Serial ATA (SATA) Devices,
Such as Hard Disk Drives (HDD), Solid State
–
Up to 5 GPIOs for End-User Configuration
Drives (SSD), or Optical Drives (OD) to
via HID
Universal Serial Bus (USB)
–
Serial Communications Interface for Debug
•
USB Interface
(UART)
–
Integrated Transceiver Supports SS/HS/FS
•
General Features
Signaling
–
Integrated Spread Spectrum Clock
–
Best in Class Adaptive Equalizer
Generation Enables Operation from a
Single Low Cost Crystal or Clock Oscillator
–
Allows for Greater Jitter Tolerance in the
Receiver
–
Supports 20, 25, 30 or 40 MHz
–
USB Class Support
–
JTAG Interface for IEEE1149.1 and
IEEE1149.6 Boundary Scan
–
USB Attached SCSI Protocol (UASP) for
HDD and SSD
–
Available in a Fully RoHS Compliant
Package (PAP)
–
USB Mass Storage Class Bulk-Only
Transport (BOT) Including Support for
APPLICATIONS
Error Conditions Per the 13 Cases
(Defined in the BOT Specification)
•
Automotive
–
USB Bootability Support
•
External HDD/SSD
–
USB Human Interface Device (HID)
•
External DVD
–
Supports Firmware Update Via USB Using a
•
HDD-Based Portable Media Player
TI Provided Application
•
SATA Interface
–
Serial ATA Specification Revision 2.6
Supporting gen1 and gen2 Data Rates
–
Supports hot plug
–
Supports Mass-Storage Devices
Compatible with the ATA/ATAPI-8
Specification
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TUSB9261IPAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB9261IPVP TI1-TUSB9261IPVP Datasheet
247Kb / 25P
USB 3.0 TO SATA BRIDGE
TUSB9261IPVP TI2-TUSB9261IPVP Datasheet
690Kb / 29P
TUSB9261 USB 3.0 to SATA Bridge
REVISED MARCH 2016
TUSB9261IPVP TI2-TUSB9261IPVP Datasheet
697Kb / 29P
TUSB9261 USB 3.0 to SATA Bridge
REVISED MARCH 2016
TUSB9261IPVP.A TI2-TUSB9261IPVP.A Datasheet
690Kb / 29P
TUSB9261 USB 3.0 to SATA Bridge
REVISED MARCH 2016
TUSB9261IPVP.A TI2-TUSB9261IPVP.A Datasheet
697Kb / 29P
TUSB9261 USB 3.0 to SATA Bridge
REVISED MARCH 2016
More results

Similar Description - TUSB9261IPAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB9260 TI-TUSB9260 Datasheet
95Kb / 13P
USB 3.0 TO SATA BRIDGE Data Manual
TUSB9260 TI-TUSB9260_10 Datasheet
154Kb / 21P
USB 3.0 TO SATA BRIDGE
TUSB9260_101 TI-TUSB9260_101 Datasheet
181Kb / 21P
USB 3.0 TO SATA BRIDGE
logo
fujitsu semiconductor
MB86C31 FUJITSU-MB86C31 Datasheet
914Kb / 2P
USB 3.0-SATA Bridge IC
logo
Texas Instruments
TUSB9261 TI-TUSB9261 Datasheet
259Kb / 24P
USB 3.0 TO SATA BRIDGE
logo
GENESYS LOGIC
GL3310 GENESYS-GL3310 Datasheet
161Kb / 5P
USB 3.0 to SATA 3Gb/s Bridge Controller Product Overview
GL3321G GENESYS-GL3321G Datasheet
144Kb / 5P
USB 3.0 to SATA 6Gb/s Bridge Controller Product Overview
logo
Texas Instruments
TUSB9261IPVP TI1-TUSB9261IPVP Datasheet
247Kb / 25P
USB 3.0 TO SATA BRIDGE
logo
List of Unclassifed Man...
PL2775 ETC2-PL2775 Datasheet
174Kb / 1P
SuperSpeed USB 3.0 to Dual SATA Bridge Controller
logo
Prolific Technology Inc...
PL2775 PROLIFIC-PL2775 Datasheet
174Kb / 1P
SuperSpeed USB 3.0 to Dual SATA Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com