| Electronic Components Datasheet Search |
|
TUSB9261IPAPRQ1 Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB9261IPAPRQ1 Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 24 page ![]() TUSB9261-Q1 SLLSEE2A – JANUARY 2014 – REVISED JANUARY 2014 www.ti.com Firmware Support Default firmware support is provided for the following: • SuperSpeed USB and USB 2.0 High-Speed and Full-Speed • USB Attached SCSI Protocol (UASP) for Hard Disk Drives (HDD) and Solid State Drives (SSD) • USB Mass Storage Class (MSC) Bulk-Only Transport (BOT) for HDD, SSD, and Optical Drives – Including the 13 Error Cases • USB Mass Storage Specification for Bootability • USB Device Class Definition for Human Interface Devices (HID) – Firmware Update and Custom Functionality (e.g. One-Touch Backup) • Serial ATA Advanced Host Controller Interface (AHCI) • General Purpose Input/Output (GPIO) – LED Control and Custom Functions (e.g. One-Touch Backup Control) • Pulse Width Modulation (PWM) – LED Dimming Control • Serial Peripheral Interface (SPI) – Firmware storage and storing Custom Device Descriptors • Serial Communications Interface (SCI) – Debug Output Only GPIO/PWM LED Designations The default firmware provided by TI drives the GPIO and PWM outputs as listed in the table below. Table 8. GPIO/PWM LED Designations GPIO0 Undefined. Defaults to input with integrated pull-down. Controllable as output via HID. 00: U3 state or default Output indicating USB3 power state (U0-U3), if U1/U2 01: U2 state is enabled. Otherwise, defaults to an input with pull- GPIO1/GPIO5 down and may be driven low or high as an output via 10: U1 state HID. 11: U0 state GPIO2 Output indicating HS/FS suspend when connected as USB 2.0. High indicates the USB 2.0 HS/FS bus is suspended. GPIO3 Input with integrated pull-down for momentary push button input to signal remote wake. GPIO4 Input to identify bus or self-powered status. Input should be high to indicate self-powered. GPIO6 Undefined. Defaults to input with pull-down. Controllable as output via HID. GPIO7 Output indicating SuperSpeed USB connection status. High indicates a SuperSpeed USB connection. GPIO8 UART Rx GPIO9 UART Tx GPIO10 Undefined. Defaults to input with integrated pull-up. Controllable as output via HID. GPIO11 Input with integrated pull-up to indicate a power fault condition. Low indicates a power fault. PWM0 Output indicating disk activity. PWM1 Output indicating software heartbeat. The LED’s on the TUSB9261 Product Development Kit (PDK) board are connected as in the table above. Please see the TUSB9261 PDK Guide for more information on GPIO LED connection and usage. This EVM is available for purchase, contact TI for ordering information. 12 Submit Documentation Feedback Copyright © 2014, Texas Instruments Incorporated Product Folder Links :TUSB9261-Q1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |