Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST12LP15B-QVCE Datasheet(PDF) 4 Page - Microchip Technology

Part # SST12LP15B-QVCE
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B-QVCE Datasheet(HTML) 4 Page - Microchip Technology

  SST12LP15B-QVCE Datasheet HTML 1Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 2Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 3Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 4Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 5Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 6Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 7Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 8Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
4
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
Data Sheet
Figure 2: Functional Block Diagram for 2mm x 2mm, 12-contact XQFN (QXB)
12
11
10
7
9
8
VCC3
RFOUT/VCC2
NC
NC
2
1
3
RFIN
VCCb
45
6
75029 B1.2
Bias Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com