Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST12LP15B-QVCE Datasheet(PDF) 10 Page - Microchip Technology

Part # SST12LP15B-QVCE
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B-QVCE Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST12LP15B-QVCE Datasheet HTML 6Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 7Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 8Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 9Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 10Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 11Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 12Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 13Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
10
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
Data Sheet
3mm x 3mm, 16-contact VQFN High-Linearity Configuration (continued)
Test Conditions: VCC = 3.3V, VREG = 2.85V, TA = 25°C, MCS7-HT40 802.11n Signal,
unless otherwise noted
Figure 6: Dynamic EVM versus Output Power measured with sequence only
Figure 7: Dynamic EVM versus Output Power for 256 QAM with MCS9-VHT40 Modulation
1424 F11.0
0
1
2
3
4
5
6
7
8
9
10
5
6
7
8
9
10 1112131415161718192021222324
Output Power (dBm)
Dynamic EVM versus Output Power
2412 MHz
2442 MHz
2472 MHz
1424 F22.0
0
1
2
3
4
5
6
7
8
9
10
5
6
7
8
9
10 1112131415161718192021222324
Output Power (dBm)
2412 MHz
2442 MHz
2472, MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com