Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST12LP15B-QVCE Datasheet(PDF) 5 Page - Microchip Technology

Part # SST12LP15B-QVCE
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B-QVCE Datasheet(HTML) 5 Page - Microchip Technology

  SST12LP15B-QVCE Datasheet HTML 1Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 2Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 3Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 4Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 5Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 6Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 7Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 8Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
5
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
Data Sheet
Pin Assignments and Pin Descriptions
Figure 3: Pin Assignments for 3mm x 3mm, 16-contact VQFN (QVC)
Table 1: Pin Description for 3mm x 3mm,16-contact VQFN
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
The center pad should be connected to RF ground
with several low inductance, low resistance vias.
NC
1
No Connection
Unconnected pins.
RFIN
2
I
RF input, DC decoupled
RFIN
3
I
RF input, DC decoupled
NC
4
No Connection
Unconnected pins.
VCCb
5
Power Supply
PWR
Supply voltage for bias circuit
VREF1
6
PWR
1st and 2nd stage idle current control
VREF2
7
PWR
3rd stage idle current control
DNU
8
Do Not Use
Do not use or connect
Det
9
O
On-chip power detector
RFOUT
10
O
RF output
RFOUT
11
O
RF output
VCC3
12
Power Supply
PWR
Power supply, 3rd stage
NC
13
No Connection
Unconnected pins.
VCC2
14
Power Supply
PWR
Power supply, 2nd stage
NC
15
No Connection
Unconnected pins.
VCC1
16
Power Supply
PWR
Power supply, 1st stage
T1.0 75029
56
8
16
15
14
9
11
12
10
13
VCC3
RFOUT
RFOUT
Det
2
1
4
3
NC
RFIN
RFIN
NC
7
1424 16-vqfn P1.0
Top View
(contacts facing down)
RF and DC GND
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com