Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST12LP15B-QVCE Datasheet(PDF) 1 Page - Microchip Technology

Part # SST12LP15B-QVCE
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B-QVCE Datasheet(HTML) 1 Page - Microchip Technology

  SST12LP15B-QVCE Datasheet HTML 1Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 2Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 3Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 4Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 5Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 6Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 7Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 8Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
Data Sheet
www.microchip.com
Features
• High Gain:
– More than 32 dB gain across 2.4–2.5 GHz over tempera-
ture -40°C to +85°C
• Configured for High Linearity
– 20 dBm at 2.5% DEVM, MCS7-HT40, 200mA
– 18 dBm at 1.8% DEVM, MCS9-VHT40, 180 mA
– 23 dBm typical spectrum mask compliance, MCS0-20
• Configured for High Efficiency
– 23 dBm at 3% DEVM, 802.11g OFDM 54 Mbps, 310mA
– 25.5 dBm typical spectrum mask compliance, 802.11b,
1Mbps
– >29 dBm P1dB
– Meets 802.11g OFDM ACPR requirement up to 26 dBm
• High power-added efficiency/Low operating current
•Low IREF current for power-up/down control
–IREF <2 mA
• High-speed power-up/down
– Turn on/off time (10%- 90%) <100 ns
– Typical power-up/down delay with driver delay included
<200 ns
• Low Shut-down Current:2µA
• High temperature stability
– Typically 1 dB gain/power variation between 0°C to
+85°C
• Excellent On-chip power detection
– 20 dB linear dynamic range
– Temperature- and VSWR-insensitive
• Simple input/output matching
• Packages available
– 16-contact VQFN – 3mm x 3mm
– 12-contact XQFN – 2mm x 2mm
• All non-Pb (lead-free) devices are RoHS compliant
Applications
• WLAN (IEEE 802.11b/g/n/256 QAM)
• Cordless phones
• 2.4 GHz ISM wireless equipment
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
SST12LP15B is a versatile power amplifier based on the highly-reliable InGaP/
GaAs HBT technology. Easily configured for high-linear operation meeting the
EVM requirements for 256 QAM applications, and for high-efficiency applications
with excellent power-added efficiency while operating over the 2.4- 2.5 GHz fre-
quency band. Configured for high efficiency, SST12LP15B will typically meet the
802.11g spectrum mask at 23 dBm with 270 mA. Configured for high linearity,
SST12LP15B will provide less than 2.5% EVM, up to 20 dBm, with MCS7-HT40
modulation, and less than 1.75% EVM, up to 18 dBm, with MCS9-VHT40 modula-
tion. This power amplifier also features easy board-level usage along with high-
speed
power-up/down
control through the
reference voltage
pins.
The
SST12LP15B is offered in both a 3mm x 3mm, 16-contact VQFN package and a
2mm x 2mm, 12-contact XQFN package.


Similar Part No. - SST12LP15B-QVCE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP15-QVC SST-SST12LP15-QVC Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP15-QVC-K SST-SST12LP15-QVC-K Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP15-QVCE SST-SST12LP15-QVCE Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP15-QVCE-K SST-SST12LP15-QVCE-K Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
More results

Similar Description - SST12LP15B-QVCE

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
02/2008
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
logo
Skyworks Solutions Inc.
SKY85325-11 SKYWORKS-SKY85325-11 Datasheet
174Kb / 2P
2.4 GHz, 256 QAM WLAN Front-End Module
logo
Microchip Technology
SST12CP12 MICROCHIP-SST12CP12 Datasheet
361Kb / 15P
2.4 GHz 256 QAM High-Power Amplifier
2013
logo
Skyworks Solutions Inc.
SKY85310-11 SKYWORKS-SKY85310-11 Datasheet
174Kb / 2P
2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SKY85310-21 SKYWORKS-SKY85310-21 Datasheet
172Kb / 2P
2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SE2622L SKYWORKS-SE2622L Datasheet
438Kb / 9P
2.4 GHz, 256 QAM Power Amplifier
September 29, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com