Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST12LP15B-QVCE Datasheet(PDF) 6 Page - Microchip Technology

Part # SST12LP15B-QVCE
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B-QVCE Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST12LP15B-QVCE Datasheet HTML 2Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 3Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 4Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 5Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 6Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 7Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 8Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 9Page - Microchip Technology SST12LP15B-QVCE Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
6
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
Data Sheet
Figure 4: Pin Assignments for 2mm x 2mm, 12-contact XQFN (QXB)
Table 2: Pin Description for 2mm x 2mm,12-contact XQFN
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
Low-inductance ground pad
NC
1
No Connection
Unconnected pin
RFIN
2
I
RF input, DC decoupled
VCCb
3
Power Supply
PWR
Supply voltage for bias circuit
VREF1
4
PWR
1st and 2nd stage idle current control
VREF2
5
PWR
3rd stage idle current control
DET
6
O
On-chip power detector
NC
7
No Connection
Unconnected pin
RFOUT
8
O
RF output, DC decoupled
VCC3
9
Power Supply
PWR
Power supply, 3rd stage
VCC2
10
Power Supply
PWR
Power supply, 2nd stage
NC
11
No Connection
Unconnected pin
VCC1
12
Power Supply
PWR
Power supply, 1st stage
T2.0 75029
12
11
10
7
9
8
VCC3
RFOUT
NC
NC
2
1
3
RFIN
VCCb
45
6
1424 P.10
Top View
(Contacts
facing down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com