Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1T-E/SS Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP3918A1T-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1T-E/SS Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP3918A1T-E/SS Datasheet HTML 28Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 29Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 30Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 31Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 32Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 33Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 34Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 35Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
MCP3918
DS20005287A-page 32
 2014 Microchip Technology Inc.
5.3.2
MODULATOR INPUT RANGE AND
SATURATION POINT
For a specified voltage reference value of 1.2V, the
modulator specified differential input range is ±600 mV.
The input range is proportional to VREF and scales
according to the VREF voltage. This range ensures the
stability of the modulator over amplitude and frequency.
Outside this range, the modulator is still functional;
however, its stability is no longer ensured and therefore
it is not recommended to exceed this limit. The
saturation point for the modulator is VREF/1.5, since the
transfer function of the ADC includes a gain of 1.5 by
default (independent from the PGA setting). See
Section 5.5 “ADC Output Coding”
.
5.3.3
BOOST SETTINGS
The delta-sigma modulator includes a programmable
biasing circuit, in order to further adjust the power
consumption to the sampling speed applied through
the MCLK. This can be programmed through the
BOOST<1:0> bits, which are applied to all channels
simultaneously.
The maximum achievable analog master clock speed
(AMCLK), the maximum sampling frequency (DMCLK)
and the maximum achievable data rate (DRCLK) highly
depend on the BOOST<1:0> and PGA_CH0<2:0>
settings. Table 5-2 specifies the maximum AMCLK
possible to keep optimal accuracy with respect to the
BOOST<1:0> and PGA_CH0<2:0> settings.
TABLE 5-2:
MAXIMUM AMCLK LIMITS AS A FUNCTION OF BOOST AND PGA GAIN
Conditions
VDD = 3.0V to 3.6V,
TA from -40°C to +125°C
VDD = 2.7V to 3.6V,
TA from -40°C to +125°C
Boost
Gain
Maximum AMCLK
(MHz)
(SINAD within -3 dB
from its maximum)
Maximum AMCLK
(MHz)
(SINAD within -5 dB
from its maximum)
Maximum AMCLK
(MHz)
(SINAD within -3 dB
from its maximum)
Maximum AMCLK
(MHz)
(SINAD within -5 dB
from its maximum)
0.5x
1
4
4
4
4
0.66x
1
6.4
7.3
6.4
7.3
1x
1
11.4
11.4
10.6
10.6
2x
1
16
16
16
16
0.5x
2
4
4
4
4
0.66x
2
6.4
7.3
6.4
7.3
1x
2
11.4
11.4
10.6
10.6
2x
2
16
16
13.3
14.5
0.5x
4
2.9
2.9
2.9
2.9
0.66x
4
6.4
6.4
6.4
6.4
1x
4
10.7
10.7
9.4
10.7
2x
4
16
16
16
16
0.5x
8
2.9
4
2.9
4
0.66x
8
7.3
8
6.4
7.3
1x
8
11.4
12.3
8
8.9
2x
8
16
16
10
11.4
0.5x
16
2.9
2.9
2.9
2.9
0.66x
16
6.4
7.3
6.4
7.3
1x
16
11.4
11.4
9.4
10.6
2x
16
13.3
16
8.9
11.4
0.5x
32
2.9
2.9
2.9
2.9
0.66x
32
7.3
7.3
7.3
7.3
1x
32
10.6
12.3
9.4
10,6
2x
32
13.3
16
10
11.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com