Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1T-E/SS Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP3918A1T-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1T-E/SS Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP3918A1T-E/SS Datasheet HTML 36Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 37Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 38Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 39Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 40Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 41Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 42Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 43Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
MCP3918
DS20005287A-page 40
 2014 Microchip Technology Inc.
5.10
Data Ready Status Bit
In addition to the DR pin indicator, the MCP3918 device
includes a separate Data Ready status bit. The ADC
channel
is
associated
to
the
corresponding
DRSTATUS bit that can be read at all times in the
STATUSCOM register. This status bit can be used to
synchronize the data retrieval, in case the DR pin is not
connected (see Section 6.8 “ADC Channel Latching
and Synchronization”
).
The DRSTATUS bit is not writable; writing on it has no
effect. It has a default value of '1', which indicates that
the data of the corresponding ADC is not ready. This
means that the ADC output register has not been
updated since the last reading (or since the last reset).
The DRSTATUS bit takes the '0' state, once the ADC
channel register is updated (which happens at a
DRCLK rate). A simple read of the STATUSCOM
register clears the DRSTATUS bit to its default value
('1').
5.11
Crystal Oscillator
The MCP3918 includes a Pierce-type crystal oscillator
with very high stability and ensures very low tempco
and jitter for the clock generation. This oscillator can
handle crystal frequencies up to 20 MHz, provided that
proper load capacitances and quartz quality factor are
used. The crystal oscillator is enabled when
CLKEXT = 0 in the CONFIG1 register, therefore it
cannot be enabled during the 2-Wire Interface mode. It
is only selectable in the SPI Mode.
For a proper start-up, the load capacitors of the crystal
should be connected between OSC1 and DGND and
between OSC2 and DGND. They should also respect
Equation 5-7.
EQUATION 5-7:
When CLKEXT = 1, the crystal oscillator is bypassed
by a digital buffer, to allow direct clock input for an
external clock (see Figure 4-1). In this case, OSC2
becomes the MODE select input pin for the Interface
mode. When MODE = 0, the digital interface stays in
SPI mode; when MODE = 1, the digital interface
toggles to the 2-Wire mode. A pull-down current forces
the MODE to be logic low (SPI mode) by default if the
OSC2 pin is floating.
For proper operation, the external clock should not be
higher
than
20 MHz
before
prescaling
(MCLK < 20 MHz).
TABLE 5-9:
PHASE VALUES WITH
MCLK = 4 MHZ, OSR = 4096,
PRE<1:0> = 00
PHASE<11:0>
Hex
Delay
0111 111111 11
0x7FF
4095 µs
0111 111111 10
0x7FE
4094 µs
0000 000000 01
0x001
2049 µs
0000 000000 00
0x000
2048 µs
1111 111111 11
0xFFF
2047 µs
1000 000000 01
0x801
1 µs
1000 000000 00
0x800
0 µs
Note:
In addition to the conditions defining the
maximum MCLK input frequency range,
the
AMCLK
frequency
should
be
maintained inferior to the maximum limits
defined in Table 5-2, to ensure the
accuracy of the ADC. If these limits are
exceeded, it is recommended to choose
either a larger OSR or a larger prescaler
value so that AMCLK can respect these
limits.
R
M
1.6
10
6
1
fC
LOAD
-------------------------


2
<
Where:
f = crystal frequency in MHz
CLOAD = load capacitance in pF, including
parasitics from the PCB
RM = motional resistance of the quartz, in
ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com