Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1T-E/SS Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3918A1T-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1T-E/SS Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3918A1T-E/SS Datasheet HTML 13Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 14Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 15Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 16Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 17Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 18Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 19Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 20Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 17
MCP3918
Note:
Unless otherwise indicated, AVDD =3V, DVDD =3V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 256; GAIN = 1; Dithering = Maximum; VIN = -0.5 dBFS @ 60 Hz on all channels, VREFEXT = 0; CLKEXT = 1;
BOOST<1:0> = 10.
FIGURE 2-37:
Integral Non-Linearity
(Dithering Off).
FIGURE 2-38:
Operating Current vs. MCLK
Frequency vs. Boost, VDD =3.0V.
-10
-8
-6
-4
-2
0
2
4
6
8
10
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
Input Voltage (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
2468
10
12
14
16
18
20
MCLK Frequency (MHz)
AI
DD Boost = 0.5
AI
DD Boost = 0.66
AI
DD Boost = 1
DI
DD
AI
DD Boost = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com