Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1T-E/SS Datasheet(PDF) 70 Page - Microchip Technology

Part # MCP3918A1T-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1T-E/SS Datasheet(HTML) 70 Page - Microchip Technology

Back Button MCP3918A1T-E/SS Datasheet HTML 66Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 67Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 68Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 69Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 70Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 71Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 72Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 73Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
MCP3918
DS20005287A-page 70
 2014 Microchip Technology Inc.
9.4
GAIN Register – PGA Gain
Configuration Register
Name
Bits
Address
Cof.
GAIN
24
0x0B
R/W
REGISTER 9-4:
GAIN REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 23
bit 16
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—
PGA_CH0<2> PGA_CH0<1> PGA_CH0<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-3
Unimplemented:
Read as ‘0’
bit 2-0
PGA_CH0<2:0>:
PGA Setting
111
=
Reserved (Gain = 1)
110
=
Reserved (Gain = 1)
101
=
Gain is 32
100
=
Gain is 16
011
=
Gain is 8
010
=
Gain is 4
001
=
Gain is 2
000
=
Gain is 1 (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com