Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1T-E/SS Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP3918A1T-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1T-E/SS Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP3918A1T-E/SS Datasheet HTML 63Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 64Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 65Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 66Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 67Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 68Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 69Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 70Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 67
MCP3918
9.1
CHANNEL Register –
ADC Channel Data
Output Register
The ADC Channel Data Output register always
contains the most recent A/D conversion data. This
register is read-only. This register is latched when an
ADC read communication occurs. When a data ready
event occurs during a read communication, the most
current ADC data is also latched to avoid data
corruption issues. The three bytes of each channel are
updated synchronously at a DRCLK rate. They can be
accessed separately, if needed, but are refreshed
synchronously.
Name
Bits
Address
Cof.
CHANNEL0
24
0x00
R
REGISTER 9-1:
CHANNEL REGISTER
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
DATA_CH0
<23> (MSB)
DATA_CH0
<22>
DATA_CH0
<21>
DATA_CH0
<20>
DATA_CH0
<19>
DATA_CH0
<18>
DATA_CH0
<17>
DATA_CH0
<16>
bit 23
bit 16
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
DATA_CH0
<15>
DATA_CH0
<14>
DATA_CH0
<13>
DATA_CH0
<12>
DATA_CH0
<11>
DATA_CH0
<10>
DATA_CH0
<9>
DATA_CH0
<8>
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
DATA_CH0
<7>
DATA_CH0
<6>
DATA_CH0
<5>
DATA_CH0
<4>
DATA_CH0
<3>
DATA_CH0
<2>
DATA_CH0
<1>
DATA_CH0
<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-0
DATA_CH0:
Output code from ADC. This data is post-calibration if the EN_OFFCAL or EN_GAINCAL
bits are enabled. This data can be formatted in 16-/24-/32-bit modes, depending on the WIDTH_-
DATA<1:0> settings. (See Section 5.5 “ADC Output Coding”.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com