Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS81003AM-C1A Datasheet(PDF) 30 Page - Microchip Technology

Part # UCS81003AM-C1A
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003AM-C1A Datasheet(HTML) 30 Page - Microchip Technology

Back Button UCS81003AM-C1A Datasheet HTML 26Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 27Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 28Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 29Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 30Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 31Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 32Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 33Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 108 page
background image
UCS81003
DS20005334A-page 30
 2014 Microchip Technology Inc.
When using the Latch fault handler and the user has
re-activated the device by clearing the ERR bit (see
Section 10.3 “Status Registers”), or toggling the
PWR_EN control, the UCS81003 will check that all of
the error conditions have been removed. If using Auto-
Recovery fault handler, after the tCYCLE time period, the
UCS81003 will check that all of the error conditions
have been removed.
If all of the error conditions have been removed, the
UCS81003 will return to the Active state or Detect
state, as applicable. Returning to the Active state will
cause the UCS81003 to restart the selected mode (see
Section 9.2 “Active Mode Selection”).
If the device is in the Error state and a Removal
Detection event occurs, it will check the error
conditions and then return to the power state defined
by the PWR_EN, M1, M2, EM_EN and S0 controls.
5.2
Supply Voltages
5.2.1
VDD SUPPLY VOLTAGE
The UCS81003 requires 4.5V to 5.5V present on the
VDD pin for core device functionality. Core device
functionality consists of maintaining register states,
wake-up upon SMBus/I2C query and Attach Detection.
5.2.2
VS SOURCE VOLTAGE
VS can be a separate supply and can be greater than
VDD to accommodate high-current applications in
which current path resistances result in unacceptable
voltage drops that may prevent optimal charging of
some portable devices.
5.2.3
BACK-VOLTAGE DETECTION
Whenever the following conditions are true, the port
power switch will be disabled, the VBUS bypass switch
will be disabled, the high-speed data switch will be
disabled, and a back-voltage event will be flagged. This
will cause the UCS81003 to enter the Error power state
(see Section 5.1.5 “Error State Operation”).
•The VBUS voltage exceeds the VS voltage by
VBV_TH and the port power switch is closed. The
port power switch will be opened immediately. If
the condition lasts for longer than tMASK, then the
UCS81003 will enter the Error state. Otherwise,
the port power switch will be turned on as soon as
the condition is removed.
•The VBUS voltage exceeds the VDD voltage by
VBV_TH and the VBUS bypass switch is closed.
The bypass switch will be opened immediately. If
the condition lasts for longer than tMASK, then the
UCS81003 will enter the Error state. Otherwise,
the bypass switch will be turned on as soon as the
condition is removed.
5.2.4
BACK-DRIVE CURRENT
PROTECTION
If a self-powered portable device is attached, it may
drive the VBUS port to its power supply voltage level;
however, the UCS81003 is designed such that leakage
current from the VBUS pins to the VDD or VS pins shall
not exceed IBD_1 (if the VDD voltage is zero) or IBD_2 (if
the VDD voltage exceeds VDD_TH).
5.2.5
UNDERVOLTAGE LOCKOUT ON VS
The UCS81003 requires a minimum voltage (VS_UVLO)
be present on the VS pin for Active power state.
5.2.6
OVERVOLTAGE DETECTION AND
LOCKOUT ON VS
The UCS81003 port power switch will be disabled if the
voltage on the VS pin exceeds a voltage (VS_OV) for
longer than the specified time (tMASK). This will cause
the device to enter the Error state.
5.3
Discrete Input Pins
5.3.1
COMM_SEL/ILIM INPUT
The COMM_SEL/ILIM input determines the initial ILIM
settings and the communications mode, as shown in
Table 11-1.
5.3.2
SEL INPUT
The SEL pin selects the polarity of the PWR_EN
control. In addition, if the UCS81003 is not configured
to operate in Stand-Alone mode, the SEL pin
determines the SMBus address. See Table 11-2. The
SEL pin state is latched upon device power-up and
further changes will have no effect.
5.3.3
M1, M2 AND EM_EN INPUTS
The M1, M2 and EM_EN input controls determine the
Active mode and affect the power state (see Table 5-2
and Table 9-1). When these controls are all set to ‘0’
and PWR_EN is enabled, the UCS81003 Attach and
Removal Detection feature is disabled. In SMBus
mode, the M1, M2 and EM_EN pin states will be
ignored by the UCS81003 if the PIN_IGN configuration
bit is set (see Section 10.4.3 “Switch Configuration
Register”); otherwise, the M1_SET, M2_SET and
EM_EN_SET configuration bits (see Section 10.4.3
“Switch Configuration Register”) are checked along
with the pins.
Note:
If it is necessary to connect any of the
control pins except the COMM_SEL/ILIM
or SEL pins via a resistor to VDD or GND,
the resistor value should not exceed
100 k
 in order to meet the V
IH and VIL
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com