Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS81003AM-C1A Datasheet(PDF) 40 Page - Microchip Technology

Part # UCS81003AM-C1A
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003AM-C1A Datasheet(HTML) 40 Page - Microchip Technology

Back Button UCS81003AM-C1A Datasheet HTML 36Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 37Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 38Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 39Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 40Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 41Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 42Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 43Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
UCS81003
DS20005334A-page 40
 2014 Microchip Technology Inc.
9.0
ACTIVE STATE
9.1
Active State Overview
The UCS81003 has the following modes of operation in
the Active state: Data Pass-Through, BC1.2 DCP,
BC1.2 SDP, BC1.2 CDP and Dedicated Charger
Emulation Cycle. The current limiting mode depends
on the Active mode behavior (see Table 9-2).
9.2
Active Mode Selection
The Active mode selection is controlled by three
controls: EM_EN, M1 and M2, as shown in Table 9-1.
9.3
BC1.2 Detection Renegotiation
The BC1.2 specification allows a charger to act as an
SDP, CDP or DCP and to change between these roles.
To force an attached portable device to repeat the
charging detection procedure, VBUS must be cycled. In
compliance with this specification, the UCS81003
automatically cycles VBUS when switching between the
BC1.2 SDP, BC1.2 DCP and BC1.2 CDP modes.
9.4
Data Pass-Through
(No Charger Emulation)
When commanded to Data Pass-Through mode,
UCS81003 will close its USB high-speed data switch
to allow USB communications between a portable
device and host controller and will operate using Trip
Current Limiting. No charger emulation profiles are
applied in this mode. Data Pass-Through mode will
persist until commanded otherwise by the M1, M2
and EM_EN controls.
9.5
BC1.2 SDP
(No Charger Emulation)
When commanded to BC1.2 SDP mode, UCS81003
will discharge VBUS, close its USB high-speed data
switch to allow USB communications between a
portable device and host controller, and will operate
using Trip Current Limiting. No charger emulation
profiles are applied in this mode. BC1.2 SDP mode will
persist until commanded otherwise by the M1, M2,
EM_EN and PWR_EN controls.
9.6
BC1.2 CDP
When BC1.2 CDP is selected as the Active mode,
UCS81003 will discharge VBUS, close its USB
high-speed data switch (by default), and apply the
BC1.2 CDP charger emulation profile which performs
handshaking per the specification. The combination of
the UCS81003 CDP handshake along with a standard
USB host comprises a charging downstream port. In
BC1.2 CDP mode, there is no emulation timeout.
If the handshake is successful, the UCS81003 will
operate using Constant Current Limiting (variable
slope). If the handshake is not successful, the
UCS81003 will leave the applied CDP profile in place,
leave the high-speed switch closed, enable Constant
Current Limiting, and persist in this condition until
commanded otherwise by the M1, M2, EM_EN and
PWR_EN controls.
TABLE 9-1:
ACTIVE MODE SELECTION
M1
M2
EM_EN
Active mode
00
1
Dedicated Charger
Emulation Cycle
01
0
Data Pass-Through
01
1
BC1.2 DCP
10
0
BC1.2 SDP - Note 1
10
1
Dedicated Charger
Emulation Cycle
11
0
Data Pass-Through
11
1
BC1.2 CDP
Note 1:
BC1.2 SDP behaves the same as the
Data Pass-Through mode with the
exception that it is preceded by a VBUS
discharge when the mode is entered per
the BC1.2 specification.
Note 1: If it is desired that the Data Pass-Through
mode operates as a traditional/standard
port power switch, the S0 control should be
set to ‘0’ to allow the port power switch to
be closed without requiring an Attach
Detection event. When entering this mode,
there is no automatic VBUS discharge.
2: When the M1, M2 and EM_EN controls
are set to ‘0’, ‘1’, ‘0’ or to ‘1’, ‘1’, ‘0’
respectively, Data Pass-Through mode
will persist if the PWR_EN control is
disabled; however, the UCS81003 will
draw more current. To leave the Data
Pass-Through
mode,
the
PWR_EN
control must be enabled before the M1,
M2 and EM_EN controls are changed to
the desired mode.
Note:
If it is desired that the BC1.2 SDP mode
operates as a traditional/standard port
power switch, the S0 control should be set
to ‘0’ to allow the port power switch to be
closed
without
requiring
an
Attach
Detection event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com