Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS81003AM-C1A Datasheet(PDF) 97 Page - Microchip Technology

Part # UCS81003AM-C1A
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003AM-C1A Datasheet(HTML) 97 Page - Microchip Technology

Back Button UCS81003AM-C1A Datasheet HTML 93Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 94Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 95Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 96Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 97Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 98Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 99Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 100Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 97
UCS81003
11.2.1.3
SMBus Data Bytes
All SMBus data bytes are sent most significant bit first
and composed of eight bits of information.
11.2.1.4
SMBus ACK and NACK Bits
The SMBus client will acknowledge all data bytes that
it receives. This is done by the client device pulling the
SMBus data line low after the 8th bit of each byte that is
transmitted. This applies to both the Write Byte and
Block Write protocols.
By holding the SMBus data line high after the 8th data
bit
has
been
sent,
the
host
will
NACK
(not
acknowledge) the last data byte to be received from the
client. For the Block Read protocol, the host will ACK
each data byte that it receives except the last data byte.
11.2.1.5
SMBus Stop Bit
The SMBus Stop bit is defined as a transition of the
SMBus data line from a logic ‘0’ state to a logic ‘1’
state while the SMBus clock line is in a logic ‘1’ state.
When the UCS81003 detects an SMBus Stop bit, and
it has been communicating with the SMBus protocol,
it will reset its client interface and prepare to receive
further communications.
11.2.1.6
SMBus Timeout and Idle Reset
The UCS81003 includes an SMBus timeout feature. If the
clock is held at logic ‘0’ for tTIMEOUT, the device can time-
out and reset the SMBus interface. The SMBus interface
can also reset if both the clock and data lines are held at
a logic ‘1’ for tIDLE_RESET. Communication is restored with
a Start condition. This functionality defaults to disabled
and can be enabled by clearing the DIS_TO bit in the
Emulation Configuration register (Register 10-9).
11.2.2
SMBUS AND I2C COMPATIBILITY
The major differences between SMBus and I2C devices
are highlighted in this section. For more information,
refer to the SMBus 2.0 and I2C specifications.
• UCS81003 supports I2C fast mode at 400 kHz.
This covers the SMBus maximum time of 100 kHz.
• Minimum frequency for SMBus communications
is 10 kHz.
• The SMBus client protocol will reset if the clock is
held at a logic ‘0’ for longer than 30 ms. This time-
out functionality is disabled by default in the
UCS81003 and can be enabled by clearing the
DIS_TO bit. I2C does not have a timeout.
• Except when operating in Sleep mode, the
SMBus client protocol will reset if both the clock
and data lines are held at a logic ‘1’ for longer
than 200 µs (idle condition). This function is
disabled by default in the UCS81003 device and
can be enabled by clearing the DIS_TO bit. I2C
does not have an idle condition.
•I2C devices do not support the Alert Response
Address functionality (which is optional for SMBus).
•I2C devices support block read and write
differently. I2C protocol allows for unlimited
number of bytes to be sent in either direction. The
SMBus protocol requires that an additional data
byte indicating number of bytes to read/write is
transmitted. The UCS81003 supports I2C
formatting only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com