Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS81003AM-C1A Datasheet(PDF) 55 Page - Microchip Technology

Part # UCS81003AM-C1A
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003AM-C1A Datasheet(HTML) 55 Page - Microchip Technology

Back Button UCS81003AM-C1A Datasheet HTML 51Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 52Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 53Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 54Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 55Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 56Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 57Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 58Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 55
UCS81003
10.4
Configuration Registers
The Configuration registers control basic device
functionality.
10.4.1
GENERAL CONFIGURATION
REGISTER
The contents of this register are retained in Sleep.
bit 1-0
PWR_STATE<1:0>: Indicates the current power state. These bits are set and cleared automatically as
the power state changes. (Note 1)
00
=Sleep
01
=Detect
10
=Active
11
=
Error
Note 1:
Accessing the SMBus/I2C causes the UCS81003 to leave the Sleep state. As a result, the
PWR_STATE<1:0> bits will never read as 00b.
REGISTER 10-7:
PIN STATUS REGISTER (ADDRESS 14H) (CONTINUED)
Name
Bits
Address
Cof
Default
General Configuration
8
15h
R/W
01h
Emulation Configuration
8
16h
R/W
8Ch
Switch Configuration
8
17h
R/W
04h
Attach Detect Configuration
8
18h
R/W
46h
High-Speed Switch Configuration
8
25h
R/W
14h
REGISTER 10-8:
GENERAL CONFIGURATION REGISTER (ADDRESS 15H)
R/W-0
U-x
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
ALERT_MASK
—
ALERT_LINK
DSCHG
RTN_EN
RTN_RST
RATION_BEH<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ALERT_MASK: Disables the ALERT# pin from asserting in the case of an error.
1
=
The ALERT# pin will not be asserted in the event of an error condition.
0
=
The ALERT# pin will be asserted if an error condition or indicator event is detected.
bit 6
Unimplemented
bit 5
ALERT_LINK: Links the ALERT# pin to be asserted when the LOW_CUR and/or TREG bits are set.
1
=
The ALERT# pin will be asserted if the LOW_CUR or TREG indicator bit is set.
0
=
The ALERT# pin will not be asserted if the LOW_CUR or TREG indicator bit is set.
bit 4
DSCHG: Forces the VBUS to be reset and discharged when the UCS81003 is in the Active state. Writing
this bit to a logic ‘1’ will cause the port power switch to be opened and the discharge circuitry to activate
to discharge VBUS. The port power switch will remain open while this bit is ‘1’. This bit is not self-clearing.
bit 3
RTN_EN: Ration Enable – enables charge rationing functionality and power monitoring.
1
=
Charge rationing is enabled (see Section 7.4 “Battery Full”).
0
=
Charge rationing is disabled. The Total Accumulated Charge registers will be cleared to 00_00h
and current data will no longer be accumulated. If the Total Accumulated Charge registers have
already reached the Charge Rationing Threshold (see Section 10.6 “Charge Rationing
Threshold Registers”), the applied response will be removed as if the charge rationing had
been reset. This will also clear the RATION status bit (if set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com