Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS81003AM-C1A Datasheet(PDF) 18 Page - Microchip Technology

Part # UCS81003AM-C1A
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003AM-C1A Datasheet(HTML) 18 Page - Microchip Technology

Back Button UCS81003AM-C1A Datasheet HTML 14Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 15Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 16Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 17Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 18Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 19Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 20Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 21Page - Microchip Technology UCS81003AM-C1A Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 108 page
background image
3.0
PIN DESCRIPTION
The description of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
UCS81003
5x5 VQFN
Symbol
Function
Pin Type
Connection Type if Pin Not Used
1
NC
Not internally connected
n/a
Leave open
2
M1
Active mode selector input #1
DI
Connect to ground or VDD (see Note 3)
3
M2
Active mode selector input #2
DI
Connect to ground or VDD (see Note 3)
4VBUS1
Voltage output from Power Switch.
These pins are internally connected and must be
tied together.
Hi-Power
Note 1
Leave open
5VBUS2
6VBUS3
7
COMM_SEL/ILIM
COMM_SEL - Selects SMBus or Stand-alone
mode of operation (see Table 11-1).
AIO
n/a
ILIM - Selects the hardware current limit at
power-up.
8
SEL
Selects polarity of PWR_EN control and SMBus
address (see Table 11-2).
AIO
n/a
9VS1
Voltage input to Power Switch. These pins are
internally connected and must be tied together.
Hi-Power
Connect to ground
10
VS2
11
VS3
12
VDD
Main power supply input for chip functionality
Power
n/a
13
PWR_EN
Port power switch enable input.
Polarity determined by SEL pin.
DI
Connect to ground or VDD (see Note 3)
14
NC
Not internally connected
n/a
Leave open
15
NC
Not internally connected
n/a
Leave open
Note 1:
Total leakage current from pins 4, 5 and 6 (VBUS) to ground must be less than 100 µA for proper attach/removal detection operation.
2:
It is recommended to use 2 M
 pull-down resistors on the D
POUT and/or DMOUT pin if a portable device stimulus is expected when using the Customer
Charger Emulation profile with the high-speed data switch open. The 2 M
 value is based on BC1.1 impedance characteristics for Dedicated Charging Ports.
3:
To ensure operation, the PWR_EN pin must be enabled, as determined by the SEL pin decode, when it is not driven by an external device. Furthermore,
one of the M1, M2 or EM_EN pins must be connected to VDD if all three are not driven from an external device. If the PWR_EN pin is disabled or all of the
M1, M2 and EM_EN pins are connected to ground, the UCS81003 will remain in the Sleep or Detect state unless activated via the SMBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com