Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MQ Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP19124-E/MQ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MQ Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP19124-E/MQ Datasheet HTML 53Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 54Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 55Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 56Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 57Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 58Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 59Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 60Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 57
MCP19124/5
8.0
SYSTEM BENCH TESTING
To allow for easier system design and bench testing,
the MCP19124/5 feature a multiplexer used to output
various internal analog signals. These signals can be
measured on the GPA0 pin through a unity gain buffer.
The configuration control of the GPA0 pin is found in
the ABECON register.
Control of the signals present at the output of the unity
gain analog buffer is found in the ADCON0 register.
REGISTER 8-1:
ADCON0: ANALOG-TO-DIGITAL CONTROL REGISTER
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
CHS4
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
Unimplemented: Read as ‘0’
bit 6-2
CHS<4:0>: Analog Channel Select bits
00000
= VIN/n analog voltage measurement (VIN/15.5328)
00001
= VREF + VZC (DAC reference voltage + VZC pedestal setting current regulation level)
00010
= OVREF (reference for overvoltage comparator)
00011
= VBGR (band gap reference)
00100
= VS (voltage proportional to VOUT)
00101
= EA_SC (error amplifier after slope compensation output)
00110
= A2 (secondary current sense amplifier output at RFB_INT connection)
00111
= Pedestal (Pedestal Voltage)
01000
= Reserved
01001
= Reserved
01010
= IP_ADJ (IP after Pedestal and Offset Adjust (at PWM Comparator))
01011
= IP_OFF_REF (IP Offset Reference)
01100
= VDR/n (VDR/n analog driver voltage measurement = 0.229V/V x VDR)
01101
= TEMP_SNS (analog voltage representing internal temperature)
01110
= DLL_VCON (Delay Locked Loop Voltage Reference - control voltage for dead time)
01111
= SLPCMP_REF (slope compensation reference)
10000
= EAOR (OR’d output node from the two error amplifiers EA1 & EA2)
10001
= Unimplemented
10010
= Unimplemented
10011
= Unimplemented
10100
= Unimplemented
10101
= Unimplemented
10110
= Unimplemented
10111
= Unimplemented
11000
= GPA0/AN0 (i.e. ADDR1)
11001
= GPA1/AN1 (i.e. ADDR0)
11010
= GPA2/AN2 (i.e. Temperature Sensor Input)
11011
= GPA3/AN3 (i.e. BIN)
11100
= GPB1/AN4
11101
= GPB4/AN5 (MCP19125 Only)
11110
= GPB5/AN6 (MCP19125 Only)
11111
= GPB6/AN7 (MCP19125 Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com