Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MQ Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP19124-E/MQ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MQ Datasheet(HTML) 1 Page - Microchip Technology

  MCP19124-E/MQ Datasheet HTML 1Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 2Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 3Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 4Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 5Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 6Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 7Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 8Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 1
Features
• Input Voltage: 4.5V to 42V
• Individual Analog Control Loops for Current or
Voltage Regulation
• Can be configured with multiple topologies
including but not limited to:
-Flyback
- Ćuk
- Boost
- SEPIC (Single-Ended Primary-Inductor
Converter)
• Capable of Quasi-Resonant or Fixed-Frequency
Operation
• Low Quiescent Current: 5 mA Typical
• Low Sleep Current: 50 µA Typical
• Low-Side Gate Drivers:
- +5V gate drive with 0.5A sink/source current
- +10V gate drive with 1A sink/source current
• Peak Current Mode Control
• Differential Remote Output Sense
• Multiple Output Systems:
- Master or Slave
• AEC-Q100 Qualified
• Configurable Parameters:
-VREF, Precision IOUT/VOUT Set Point (DAC)
- ADC Reference Switch (VDD or AVDD)
- Input Undervoltage Lockout (UVLO)
- Input Overvoltage Lockout (OVLO)
- Detection and protection
- Primary current leading edge blanking (0 ns,
50 ns, 100 ns and 200 ns)
- Gate drive dead time (16 ns to 256 ns)
- Fixed switching frequency range: 31.25 kHz
to 2.0 MHz
- Slope compensation
- Quasi-resonant configuration with built-in
comparator and programmable offset voltage
adjustment
- Primary current offset adjustment
- GPIO pin options
• Integrated Low-Side Differential Current Sense
Amplifier
• Better than ±5% Current Regulation
• Thermal Shutdown
Microcontroller Features
• Precision 8 MHz Internal Oscillator Block:
- Factory-calibrated to ±1%, typical
• Interrupt-Capable:
-Firmware
- Interrupt-on-change pins
• Only 35 Instructions to Learn
• 4095 Words On-Chip Program Memory
• High-Endurance Flash:
- 100,000 write Flash endurance
- Flash retention: > 40 years
• Watchdog Timer (WDT) with Independent
Oscillator for Reliable Operation
• Programmable Code Protection
• In-Circuit Serial Programming™ (ICSP™) via Two
Pins
• Eight I/O Pins and One Input-Only Pin:
- Two open-drain pins
• Analog-to-Digital Converter (ADC):
- 10-bit resolution
- Five external channels
• Timer0: 8-bit Timer/Counter with 8-bit Prescaler
• Enhanced Timer1:
- 16-bit timer with prescaler
- Two selectable clock sources
• Timer2: 8-Bit Timer with Prescaler:
- 8-bit period register
• I2C Communication:
- 7-bit address masking
- Two dedicated address registers
MCP19124/5
Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop
PWM Controller


Similar Part No. - MCP19124-E/MQ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP19110 MICROCHIP-MCP19110 Datasheet
3Mb / 226P
Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
11/29/12
MCP19110-E/MJ MICROCHIP-MCP19110-E/MJ Datasheet
3Mb / 226P
Digitally-Enhanced Power Analog Controller
06/23/16
MCP19110-E/MQ MICROCHIP-MCP19110-E/MQ Datasheet
3Mb / 226P
Digitally-Enhanced Power Analog Controller
06/23/16
MCP19110T-E/MJ MICROCHIP-MCP19110T-E/MJ Datasheet
3Mb / 226P
Digitally-Enhanced Power Analog Controller
06/23/16
MCP19110T-E/MQ MICROCHIP-MCP19110T-E/MQ Datasheet
3Mb / 226P
Digitally-Enhanced Power Analog Controller
06/23/16
More results

Similar Description - MCP19124-E/MQ

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS7054 CHERRY-CS7054 Datasheet
143Kb / 6P
Low Side PWM FET Controller
Rev. 4/21/99
logo
ON Semiconductor
CS7054 ONSEMI-CS7054 Datasheet
91Kb / 12P
Low Side PWM FET Controller
January, 2001 ??Rev. 12
logo
Semtech Corporation
SC1109 SEMTECH-SC1109_04 Datasheet
368Kb / 19P
Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Microchip Technology
MCP19111 MICROCHIP-MCP19111 Datasheet
3Mb / 222P
Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
2013
MCP19110 MICROCHIP-MCP19110 Datasheet
3Mb / 226P
Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
11/29/12
MCP19116 MICROCHIP-MCP19116 Datasheet
3Mb / 246P
Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
07/14/15
MCP19110 MICROCHIP-MCP19110_16 Datasheet
3Mb / 226P
Digitally-Enhanced Power Analog Controller
06/23/16
HV96001 MICROCHIP-HV96001 Datasheet
2Mb / 45P
Secondary-Side, Micro-Interfaced, Flicker-Free LED Controller with Enhanced PWM and Analog Dimming
Revision B June 2020
MCP19116 MICROCHIP-MCP19116_V01 Datasheet
2Mb / 246P
Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
Revision D June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com