Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MQ Datasheet(PDF) 92 Page - Microchip Technology

Part # MCP19124-E/MQ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MQ Datasheet(HTML) 92 Page - Microchip Technology

Back Button MCP19124-E/MQ Datasheet HTML 88Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 89Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 90Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 91Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 92Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 93Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 94Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 95Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 236 page
background image
MCP19124/5
DS20005619A-page 92
 2016 Microchip Technology Inc.
FIGURE 13-1:
INTERRUPT LOGIC
FIGURE 13-2:
INT PIN INTERRUPT TIMING
TMR1IF
TMR1IE
SSPIF
SSPIE
IOCF
IOCE
INTF
INTE
GIE
PEIE
Wake-Up (if in Sleep mode)
Interrupt to CPU
PEIF
ADIF
ADIE
CDSIF
CDSIE
OTIF
OTIE
OVIF
OVIE
DRUVIF
DRUVIE
BCLIF
BCLIE
TMR2F
TMR2E
T0IF
T0IE
Plx2
UVLOIF
UVLOIE
OVLOIF
OVLOIE
Plx1
CC2IF
CC2IE
CC1IF
CC1IE
INTCON
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
CLKIN
INT pin
INTF flag
(INTCON reg.)
GIE bit
(INTCON reg.)
INSTRUCTION FLOW
PC
Instruction
Fetched
Instruction
Executed
PC
PC + 1
PC + 1
0004h
0005h
Inst (0004h)
Inst (0005h)
Dummy Cycle
Inst (PC)
Inst (PC + 1)
Inst (PC – 1)
Inst (0004h)
Dummy Cycle
Inst (PC)
—
Note 1: CLKOUT is available only in INTOSC and RC Oscillator modes.
2: For minimum width of INT pulse, refer to AC specifications in Section 5.0 “Digital Electrical Charac-
teristics”.
3: INTF flag is sampled here (every Q1).
4: INTF is enabled to be set any time during the Q4-Q1 cycles.
5: Asynchronous interrupt latency = 3-4 TCY. Synchronous latency = 3 TCY, where TCY = instruction cycle
time. Latency is the same whether Inst (PC) is a single-cycle or a two-cycle instruction.
CLKOUT (1)
(2)
(3)
(4)
(3)
Interrupt Latency (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com