Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MQ Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP19124-E/MQ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MQ Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP19124-E/MQ Datasheet HTML 5Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 6Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 7Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 8Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 9Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 10Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 11Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 12Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 9
MCP19124/5
1.0
DEVICE OVERVIEW
The MCP19124/5 are highly integrated, mixed-signal
low-side synchronous controllers that operate from
4.5V to 42V. The family features individual analog
PWM control loops for both current regulation or
voltage regulation. These features along with an
integrated microcontroller core make this an ideal
device used for battery charging applications, LED
lighting systems and any other low-side switch PWM
applications. The MCP19124/5 devices are derived
from the MCP19114/5 Enhanced PWM Controllers with
the exception of some additional features along with an
additional analog control loop designed for voltage
regulation. Complete customization of device operating
parameters, start-up or shutdown profiles, protection
levels and fault handling procedures are accomplished
by setting digital registers using Microchip’s MPLAB® X
Integrated Development Environment software and
one of Microchip’s many in-circuit debugger and device
programmers.
The MCP19124/5 mixed-signal low-side synchronous
controllers feature integrated programmable input
UVLO/OVLO, programmable output overvoltage (OV),
two low-side gate drive outputs with independent
programmable dead time, programmable leading edge
blanking (four steps), programmable 6-bit slope
compensation
and
an
integrated
internal
programmable
oscillator
for
fixed-frequency
applications. If users decide to regulate voltage via EA2
voltage error amplifier and control loop, the output OV
is disabled. An integrated 8-bit reference voltage
(VREF) is used for setting output current. A separate
integrated 8-bit reference voltage (OVREF) is used to
set the voltage regulation set point or the overvoltage
protection set point. An internal comparator supports
quasi-resonant applications. Additional Capture and
Compare modules are integrated for additional control,
including enhanced dimming capability.
The MCP19124/5 devices contain two internal LDOs.
A5V LDO (VDD) is used to power the internal
processor and provide 5V externally. A 4V LDO (AVDD)
is used to power the internal analog circuitry. Either
VDD or AVDD can be connected internally to the 10 bit
Analog-to-Digital Converter reference input. The 5V
external output can be used to supply the gate drive.
An analog filter between the VDD output and the VDR
input is recommended when implementing a 5V gate
drive supplied from VDD. Two 4.7 µF capacitors are
recommended with one placed as close as possible to
VDD and one as close as possible to VDR, separated by
a 10
 isolation resistor. DO NOT exceed 10 µF on the
VDD. An external supply is required to implement
higher gate drive voltages.
By utilizing a Microchip Technology Incorporated
TC1240A voltage doubler supplied from VDD to provide
VDR, a 10V gate drive can be achieved.
The 4V LDO is used to power the internal analog
circuitry. The two low-side drivers can be used to
operate the power converter in bidirectional mode,
enabling the “shaping” of LED dimming current in LED
applications
or
developing
bidirectional
power
converters for battery-powered applications.
The
MCP19124
is
packaged
in
a
24-lead
4 mm x 4 mm QFN and offers an alternate-bonded
28-lead 5 mm x 5 mm QFN. The MCP19125 is
packaged in a 28-lead 5 mm x 5 mm QFN.
The ability for system designers to configure
application-specific features allows users of the
MCP19124/5 devices to save costly board real estate
and additional component costs. The General Purpose
Input/Output (GPIO) of the MCP19124/5 can be
configured to offer a status output:
• a device enable, to control an external switch
• a switching frequency synchronization output or
input
• and even a device status or “heartbeat” indicator.
With integrated features like output current adjustment
and
dynamic
output
voltage
positioning,
the
MCP19124/5 family has the best in-class performance
and highest integration level currently available.
Power trains supported by this architecture include but
are not limited to boost, flyback, quasi-resonant
flyback, SEPIC, Ćuk, etc.
Two low-side gate drivers are capable of sinking and
sourcing 1A at 10V VDR. With a 5V gate drive, the
driver is capable of 0.5A sink and source. The user has
the option to allow the VIN UVLO to shut down the
drivers by setting the UVLOEN bit. When this bit is not
set, the device drivers will ride through the UVLO
condition and continue to operate until VDR reaches the
gate drive UVLO value. This value is selectable at 2.7V
or 5.4V and is always enabled. An internal reset for the
microcontroller core is set to 2.0V. An internal
comparator module is used to sense the desaturation
of the flyback transformer to synchronize switching for
quasi-resonant applications.
The operating input voltage for normal device operation
ranges from 4.5V to 42V with an absolute maximum of
44V. The maximum transient voltage is 48V for 500 ms.
An I2C serial bus is used for device communications
from the PWM controller to the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com