Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MQ Datasheet(PDF) 89 Page - Microchip Technology

Part # MCP19124-E/MQ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MQ Datasheet(HTML) 89 Page - Microchip Technology

Back Button MCP19124-E/MQ Datasheet HTML 85Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 86Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 87Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 88Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 89Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 90Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 91Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 92Page - Microchip Technology MCP19124-E/MQ Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 89
MCP19124/5
12.8
Power Control (PCON) Register
The Power Control (PCON) register contains flag bits
to differentiate between a:
• Power-On Reset (POR)
• Brown-Out Reset (BOR)
The PCON register bits are shown in Register 12-1.
REGISTER 12-1:
PCON: POWER CONTROL REGISTER
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
ADC_REFR
—
—
—
VDDFLAG
VDDOK
POR
BOR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 7
ADC_REFR: VDD >AVDD Status bit that shows if the ADC Reference is present at the ADC
1
=VDD is greater than AVDD and the ADC Reference is present at the ADC
0
=VDD is not greater than AVDD and the ADC Reference is not present at the ADC
bit 6-4
Unimplemented: Read as '0'
bit 3
VDDFLAG: VDDOK history status bit
1
=VDD LDO has not dropped out of regulation (VDDOK has not gone low since this bit was last set)
0
=VDD LDO has dropped out of regulation at some time since this bit was last set. Must be set by
firmware when VDDOK = 1
bit 2
VDDOK: VDD Status bit
1
=VDD is in regulation
0
=VDD is not in regulation
bit 1
POR: Power-On Reset Status bit
1
= No Power-On Reset occurred
0
= A Power-On Reset occurred (must be set in software after a Power-On Reset occurs)
bit 0
BOR: Brown-Out Reset bit
1
= No Brown-Out Reset occurred
0
= A Brown-Out Reset occurred (must be set in software after a Brown-Out Reset occurs)
TABLE 12-5:
SUMMARY OF REGISTERS ASSOCIATED WITH RESETS (Note 1)
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Register
on Page
PCON
—
—
—
—
—
—POR
BOR
89
STATUS
IPR
RP1
RP0
TO
PD
ZDC
C
71
Legend: — = unimplemented bit, read as ‘0’. Shaded cells are not used by Resets.
Note 1: Other (non power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com