Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25WF040 Datasheet(PDF) 22 Page - Microchip Technology

Part # SST25WF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF040 Datasheet(HTML) 22 Page - Microchip Technology

Back Button SST25WF040 Datasheet HTML 18Page - Microchip Technology SST25WF040 Datasheet HTML 19Page - Microchip Technology SST25WF040 Datasheet HTML 20Page - Microchip Technology SST25WF040 Datasheet HTML 21Page - Microchip Technology SST25WF040 Datasheet HTML 22Page - Microchip Technology SST25WF040 Datasheet HTML 23Page - Microchip Technology SST25WF040 Datasheet HTML 24Page - Microchip Technology SST25WF040 Datasheet HTML 25Page - Microchip Technology SST25WF040 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
22
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
tions.
Figure 20:Enable-Write-Status-Register (EWSR) or Write-Enable (WREN) and Write-Sta-
tus-Register (WRSR) Sequence
Enable-Hold (EHLD)
The 8-bit command, AAH, Enable-Hold instruction enables the HOLD functionality of the RST#/
HOLD# pin. CE# must remain active low for the duration of the Enable-Hold instruction sequence. CE#
must be driven high before the instruction is executed. See Figure 21 for the Enable-Hold instruction
sequence.
Figure 21:Enable-Hold Sequence
1328 F20.0
MODE 3
HIGH IMPEDANCE
MODE 0
STATUS
REGISTER IN
7 65 4321 0
MSB
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
50 or 06
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
CE#
SO
SI
SCK
01 2 3 4 5 6 7
AA
HIGH IMPEDANCE
MODE 0
MODE 3
1328 F21.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com