Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25WF040 Datasheet(PDF) 24 Page - Microchip Technology

Part # SST25WF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF040 Datasheet(HTML) 24 Page - Microchip Technology

Back Button SST25WF040 Datasheet HTML 20Page - Microchip Technology SST25WF040 Datasheet HTML 21Page - Microchip Technology SST25WF040 Datasheet HTML 22Page - Microchip Technology SST25WF040 Datasheet HTML 23Page - Microchip Technology SST25WF040 Datasheet HTML 24Page - Microchip Technology SST25WF040 Datasheet HTML 25Page - Microchip Technology SST25WF040 Datasheet HTML 26Page - Microchip Technology SST25WF040 Datasheet HTML 27Page - Microchip Technology SST25WF040 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
24
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
JEDEC Read-ID
The JEDEC Read-ID instruction identifies the device as SST25WF512/010/020/040 and the manufac-
turer as SST. The device information can be read from executing the 8-bit command, 9FH. Following
the JEDEC Read-ID instruction, the 8-bit manufacturer’s ID, BFH, is output from the device. After that,
a 16-bit device ID is shifted out on the SO pin. The Device ID is assigned by the manufacturer and con-
tains the type of memory in the first byte and the memory capacity of the device in the second byte.
See Figure 23 for the instruction sequence. The JEDEC Read ID instruction is terminated by a low to
high transition on CE# at any time during data output.
Figure 23:JEDEC Read-ID Sequence
Table 12: JEDEC Read-ID Data-Out for SST25WF512
Device ID
Product
Manufacturer’s ID (Byte 1)
Memory Type (Byte 2)
Memory Capacity (Byte 3)
SST25WF512
BFH
25H
01H
SST25WF010
BFH
25H
02H
SST25WF020
BFH
25H
03H
SST25WF040
BFH
25H
04H
T12.0 20005016
25
Byte 3
1328 F23.0
CE#
SO
SI
SCK
012345678
HIGH IMPEDANCE
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MSB
MSB
9 10111213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27
Note: See Table 12 for Device ID Byte 3 value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com