Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25WF040 Datasheet(PDF) 15 Page - Microchip Technology

Part # SST25WF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF040 Datasheet(HTML) 15 Page - Microchip Technology

Back Button SST25WF040 Datasheet HTML 11Page - Microchip Technology SST25WF040 Datasheet HTML 12Page - Microchip Technology SST25WF040 Datasheet HTML 13Page - Microchip Technology SST25WF040 Datasheet HTML 14Page - Microchip Technology SST25WF040 Datasheet HTML 15Page - Microchip Technology SST25WF040 Datasheet HTML 16Page - Microchip Technology SST25WF040 Datasheet HTML 17Page - Microchip Technology SST25WF040 Datasheet HTML 18Page - Microchip Technology SST25WF040 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
15
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Byte-Program
The Byte-Program instruction programs the bits in the selected byte to the desired data. The selected
byte must be in the erased state (FFH) when initiating a Program operation. A Byte-Program instruction
applied to a protected memory area will be ignored.
Prior to any Write operation, the Write-Enable (WREN) instruction must be executed. CE# must remain
active low for the duration of the Byte-Program instruction. The Byte-Program instruction is initiated by
executing an 8-bit command, 02H, followed by address bits [A23-A0]. Following the address, the data is
input in order from MSB (bit 7) to LSB (bit 0). CE# must be driven high before the instruction is exe-
cuted. The user may poll the Busy bit in the software status register or wait TBP for the completion of
the internal self-timed Byte-Program operation. See Figure 8 for the Byte-Program sequence.
Figure 8: Byte-Program Sequence
Auto Address Increment (AAI) Word-Program
The AAI program instruction allows multiple bytes of data to be programmed without re-issuing the
next sequential address location. This feature decreases total programming time when multiple bytes
or the entire memory array is to be programmed. An AAI Word program instruction pointing to a pro-
tected memory area will be ignored. The selected address range must be in the erased state (FFH)
when initiating an AAI Word Program operation. While within AAI Word Programming sequence, the
only valid instructions are AAI Word (ADH), RDSR (05H), or WRDI (04H). Users have three options to
determine the completion of each AAI Word program cycle: hardware detection by reading the Serial
Output, software detection by polling the BUSY bit in the software status register or wait TBP. Refer to
End-Of-Write Detection section for details.
Prior to any write operation, the Write-Enable (WREN) instruction must be executed. The AAI Word
Program instruction is initiated by executing an 8-bit command, ADH, followed by address bits [A23-A0].
Following the addresses, two bytes of data are input sequentially, each one from MSB (Bit 7) to LSB
(Bit 0). The first byte of data (D0) will be programmed into the initial address [A23-A1] with A0 = 0, the
second byte of Data (D1) will be programmed into the initial address [A23-A1] with A0 = 1. CE# must be
driven high before the AAI Word Program instruction is executed. The user must check the BUSY sta-
tus before entering the next valid command. Once the device indicates it is no longer busy, data for the
next two sequential addresses may be programmed and so on. When the last desired byte had been
entered, check the busy status using the hardware method or the RDSR instruction and execute the
Write-Disable (WRDI) instruction, 04H, to terminate AAI. Check the busy status after WRDI to deter-
mine if the device is ready for any command. See Figures 11 and 12 for AAI Word programming
sequence.
1328 F08.0
CE#
SO
SI
SCK
ADD.
012
34
5
6
7
8
ADD.
ADD.
DIN
02
HIGH IMPEDANCE
15 16
23 24
31 32
39
MSB
LSB
MODE 3
MODE 0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com