Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25WF040 Datasheet(PDF) 23 Page - Microchip Technology

Part # SST25WF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF040 Datasheet(HTML) 23 Page - Microchip Technology

Back Button SST25WF040 Datasheet HTML 19Page - Microchip Technology SST25WF040 Datasheet HTML 20Page - Microchip Technology SST25WF040 Datasheet HTML 21Page - Microchip Technology SST25WF040 Datasheet HTML 22Page - Microchip Technology SST25WF040 Datasheet HTML 23Page - Microchip Technology SST25WF040 Datasheet HTML 24Page - Microchip Technology SST25WF040 Datasheet HTML 25Page - Microchip Technology SST25WF040 Datasheet HTML 26Page - Microchip Technology SST25WF040 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
23
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Read-ID
The Read-ID instruction identifies the manufacturer as SST and the device as SST25WF512/010/020/
040. Use the Read-ID instruction to identify SST device when using multiple manufacturers in the
same socket. See Table 11.
The device information is read by executing an 8-bit command, 90H or ABH, followed by address bits
[A23-A0]. Following the Read-ID instruction, the manufacturer’s ID is located in address 000000H and
the device ID is located in address 000001H. Once the device is in Read-ID mode, the manufacturer’s
and device ID output data toggles between address 000000H and 000001H until terminated by a low
to high transition on CE#.
Figure 22:Read-ID Sequence
Table 11: Product Identification
Address
Data
Manufacturer’s ID
000000H
BFH
Device ID
SST25WF512
000001H
01H
SST25WF010
000001H
02H
SST25WF020
000001H
03H
SST25WF040
000001H
04H
T11.20005016
1328 F22.0
CE#
SO
SI
SCK
00
01 2 3 4 5 6 7 8
00
ADD
90 or AB
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63
BF
Device ID
BF
Device ID
HIGH
IMPEDANCE
MODE 3
MODE 0
MSB
MSB
MSB
Note: The manufacturer’s and device ID output stream is continuous until terminated by a low-to-high transition on CE#.
00H will output the manufacturer’s ID first and 01H will out device ID first before toggling between the two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com