Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25WF040 Datasheet(PDF) 29 Page - Microchip Technology

Part # SST25WF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF040 Datasheet(HTML) 29 Page - Microchip Technology

Back Button SST25WF040 Datasheet HTML 25Page - Microchip Technology SST25WF040 Datasheet HTML 26Page - Microchip Technology SST25WF040 Datasheet HTML 27Page - Microchip Technology SST25WF040 Datasheet HTML 28Page - Microchip Technology SST25WF040 Datasheet HTML 29Page - Microchip Technology SST25WF040 Datasheet HTML 30Page - Microchip Technology SST25WF040 Datasheet HTML 31Page - Microchip Technology SST25WF040 Datasheet HTML 32Page - Microchip Technology SST25WF040 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
29
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
AC Characteristics
Table 19: AC Operating Characteristics
Limits - 20 MHz
Limits - 40 MHz
Symbol
Parameter
Min
Max
Min
Max
Units
FCLK1
1. Maximum clock frequency for Read instruction, 03H, is 20 MHz
Serial Clock Frequency
20
40
MHz
TSCKH
Serial Clock High Time
20
11
ns
TSCKL
Serial Clock Low Time
20
11
ns
TSCKR
Serial Clock Rise Time
5
5
ns
TSCKF
Serial Clock Fall Time
5
5
ns
TCES2
2. Relative to SCK
CE# Active Setup Time
20
8
ns
TCEH2
CE# Active Hold Time
20
8
ns
TCHS2
CE# Not Active Setup Time
10
10
ns
TCHH2
CE# Not Active Hold Time
10
10
ns
TCPH
CE# High Time
50
25
ns
TCHZ
CE# High to High-Z Output
20
19
ns
TCLZ
SCK Low to Low-Z Output
0
0
ns
TDS
Data In Setup Time
5
2
ns
TDH
Data In Hold Time
5
5
ns
THLS
HOLD# Low Setup Time
10
8
ns
THHS
HOLD# High Setup Time
10
8
ns
THLH
HOLD# Low Hold Time
15
12
ns
THHH
HOLD# High Hold Time
10
10
ns
THZ
HOLD# Low to High-Z Output
20
20
ns
TLZ
HOLD# High to Low-Z Output
20
20
ns
TOH
Output Hold from SCK Change
0
0
ns
TV
Output Valid from SCK
20
9
ns
TSE
Sector-Erase
75
75
ms
TBE
Block-Erase
75
75
ms
TSCE
Chip-Erase
150
150
ms
TBP3
3. AAI-Word Program TBP maximum specification is also at 60 µs maximum time
Byte-Program
60
60
µs
T19.1 20005016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com