Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB422IYFPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422IYFPR
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422IYFPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB422IYFPR Datasheet HTML 28Page - Texas Instruments TUSB422IYFPR Datasheet HTML 29Page - Texas Instruments TUSB422IYFPR Datasheet HTML 30Page - Texas Instruments TUSB422IYFPR Datasheet HTML 31Page - Texas Instruments TUSB422IYFPR Datasheet HTML 32Page - Texas Instruments TUSB422IYFPR Datasheet HTML 33Page - Texas Instruments TUSB422IYFPR Datasheet HTML 34Page - Texas Instruments TUSB422IYFPR Datasheet HTML 35Page - Texas Instruments TUSB422IYFPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
32
TUSB422
SLLSEW6 – NOVEMBER 2016
www.ti.com
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.19 FAULT Status Mask Register (address = 0x15) [reset = 0x7F]
Figure 27. FAULT Status Mask Register
7
6
5
4
3
2
1
0
Reserved
FORCE_VBUS
_MASK
AUTO_DISC_F
AIL_MASK
FORCE_DISC_
FAIL_MASK
VBUS_OCP_F
AIL_STATUS_
MASK
VBUS_OVP_F
AIL_STATUS_
MASK
VCONN_OCP_
FAULT_STATU
S_MASK
I2C_INT_ERR_
STATUS_MAS
K
RW
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only
Table 24. FAULT Status Mask Register Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
RW
0
Reserved
6
FORCE_VBUS_MASK
RW
1
Force Off VBUS Interrupt Status Mask
0b: Interrupt masked
1b: Interrupt unmasked
5
AUTO_DISC_FAIL_MASK
RW
1
Auto Discharge Failed Mask
0b: Interrupt masked
1b: Interrupt unmasked
4
FORCE_DISC_FAIL_MASK
RW
1
Force Discharge Failed Mask
0b: Interrupt masked
1b: Interrupt unmasked
3
VBUS_OCP_FAIL_STATUS_MASK
RW
1
Internal or External OCP VBUS Over Current Protection Fault
Interrupt Status Mask
0b: Interrupt masked
1b: Interrupt unmasked
For TUSB422 this field has no meaning.
2
VBUS_OVP_FAIL_STATUS_MASK
RW
1
Internal or External OVP VBUS Over Voltage Protection Fault
Interrupt Status Mask
0b: Interrupt masked
1b: Interrupt unmasked
For TUSB422 this field has no meaning.
1
VCONN_OCP_FAULT_STATUS_M
ASK
RW
1
V(VCONN) Over Current Fault Interrupt Status Mask
0b: Interrupt masked
1b: Interrupt unmasked
0
I2C_INT_ERR_STATUS_MASK
RW
1
I2C Interface Error Interrupt Status Mask
0b: Interrupt masked
1b: Interrupt unmasked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com