Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB422IYFPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422IYFPR
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422IYFPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB422IYFPR Datasheet HTML 6Page - Texas Instruments TUSB422IYFPR Datasheet HTML 7Page - Texas Instruments TUSB422IYFPR Datasheet HTML 8Page - Texas Instruments TUSB422IYFPR Datasheet HTML 9Page - Texas Instruments TUSB422IYFPR Datasheet HTML 10Page - Texas Instruments TUSB422IYFPR Datasheet HTML 11Page - Texas Instruments TUSB422IYFPR Datasheet HTML 12Page - Texas Instruments TUSB422IYFPR Datasheet HTML 13Page - Texas Instruments TUSB422IYFPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
CC1
SDA
SCL
VCONN
GND
I2C
Slave
(FM+)
VDD
OSC
TX
FIFO
4b5b
encode
32-bit
CRC
BMC
encode
CC2
Rd
Ip
RX
FIFO
4b5b
decode
32-bit
CRC
BMC
decode
Rd
Ip
CC1_PD_CTL
CC2_PD_CTL
VCONN_EN
CC2_RD_RP
CC1_RD_RP
Cable Detection
And
Orientation
Configuration
And
Status
Registers
BMC_CLK
VBUS
Detection
ADC
VBUSIN
D0
D9
INT_N
VBUSDIS_EN
Rvbusdis
+
-
+
-
+
-
Def_Cur2
Med_Cur2
Hi_Cur2
+
-
+
-
+
-
Def_Cur1
Med_Cur1
Hi_Cur1
Rvcn_dis
VCNDIS_EN
LDO
Internal_VDD
Ra
CC1_RD_RA
Ra
CC2_RD_RA
Copyright © 2016, Texas Instruments Incorporated
10
TUSB422
SLLSEW6 – NOVEMBER 2016
www.ti.com
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The USB Type-C ecosystem operates around a small form factor connector and cable that is flippable and
reversible. Due to the nature of the connector, a scheme is needed to determine the connector orientation.
Additional schemes are needed to determine when a USB port is attached, determine the acting role of the USB
port (Source, Sink, active cable, audio accessory, debug accessory), and communicate Type-C current
capabilities. These schemes are implemented over the CC pins according to the USB Type-C Specification 1.2.
The TUSB422 provides Configuration Channel (CC) logic for determining USB port attach and detach, role
detection, cable orientation, and Type-C Current detection/advertisement. The TUSB422 also contains several
features such as VCONN sourcing, VBUS enable, VBUS discharge enable, detection of vSafe0V, and low
standby current.
The TUSB422 provides a USB Type-C Port Controller Interface (TCPCi) allowing the USB Type-C Port Manager
(TCPM) residing in an external microprocessor the ability to determine when a port partner is attached or
removed, cable orientation, enable or remove power to the Type-C port. The TUSB422 implements a USB PD
BMC physical layer and protocol layer for communication over the Type-C port for purposes like power
negotiations, alternate mode enablement (ie DisplayPort over Type-C), and data role negotiations just to mention
a few. The TUSB422 takes a message provided by external processor, calculate and append a 32-bit CRC,
encode, and transmit the encoded message over the CC wire in the cable. The TUSB422 also receives data
from the CC wire and determined if packet is valid or not, respond with GoodCRC, and notify external processor
of its arrival by asserting the interrupt (INT_N).
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com