Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB422IYFPR Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422IYFPR
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422IYFPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button TUSB422IYFPR Datasheet HTML 48Page - Texas Instruments TUSB422IYFPR Datasheet HTML 49Page - Texas Instruments TUSB422IYFPR Datasheet HTML 50Page - Texas Instruments TUSB422IYFPR Datasheet HTML 51Page - Texas Instruments TUSB422IYFPR Datasheet HTML 52Page - Texas Instruments TUSB422IYFPR Datasheet HTML 53Page - Texas Instruments TUSB422IYFPR Datasheet HTML 54Page - Texas Instruments TUSB422IYFPR Datasheet HTML 55Page - Texas Instruments TUSB422IYFPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
52
TUSB422
SLLSEW6 – NOVEMBER 2016
www.ti.com
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.50 VBUS Sink Disconnect Threshold Byte 1 Register (address = 0x73) [reset = 0x00]
Figure 58. VBUS Sink Disconnect Threshold Byte 1 Register
7
6
5
4
3
2
1
0
Reserved
VBUS_SNK_DISC_THRESHOL
D[9:8]
R
RW
LEGEND: R/W = Read/Write; R = Read only
Table 55. VBUS Sink Disconnect Threshold Byte 1 Register Descriptions
Bit
Field
Type
Reset
Description
7:2
Reserved
R
0x00
Reserved
1:0
VBUS_SNK_DISC_THRESHOLD[9:
8]
RW
00
10-bit for voltage threshold with 25 mV LSB. (Default vSafe5V)
±5% accuracy. A value of B9:0=000h disables this threshold
7.6.51 VBUS Stop Discharge Threshold Byte 0 Register (address = 0x74) [reset = 0x00]
When VBUS Stop Discharge Threshold register is programmed to a non-zero value and TUSB422 is a VBUS
Source, the TUSB422 will discharge to value programmed into this register. If this register is programmed to all
zeros, then TUSB422 will discharge to vSafe0V. If Software requires discharge to voltage other than vSafe0V,
then software must program this register to desired voltage. When TUSB422 is a VBUS Sink and a detach
occurs, discharge will always stop at vSafe0V.
Figure 59. VBUS Stop Discharge Threshold Byte 0 Register
7
6
5
4
3
2
1
0
VBUS_STOP_DISCHARGE_THRESHOLD[7:0]
RW
LEGEND: R/W = Read/Write; R = Read only
Table 56. VBUS Stop Discharge Threshold Byte 0 Register Descriptions
Bit
Field
Type
Reset
Description
7:0
VBUS_STOP_DISCHARGE_THRE
SHOLD[7:0]
RW
0x00
10-bit for voltage threshold with 25 mV LSB.
7.6.52 VBUS Stop Discharge Threshold Byte 1 Register (address = 0x75) [reset = 0x00]
Figure 60. Stop Discharge Threshold Byte 1 Register
7
6
5
4
3
2
1
0
Reserved
VBUS_STOP_DISCHARGE_TH
RESHOLD[9:8]
R
RW
LEGEND: R/W = Read/Write; R = Read only
Table 57. VBUS Stop Discharge Threshold Byte 1 Register Descriptions
Bit
Field
Type
Reset
Description
7:2
Reserved
R
0x00
Reserved
1:0
VBUS_STOP_DISCHARGE_THRE
SHOLD[9:8]
RW
00
10-bit for voltage threshold with 25 mV LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com