Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB422IYFPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422IYFPR
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422IYFPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB422IYFPR Datasheet HTML 4Page - Texas Instruments TUSB422IYFPR Datasheet HTML 5Page - Texas Instruments TUSB422IYFPR Datasheet HTML 6Page - Texas Instruments TUSB422IYFPR Datasheet HTML 7Page - Texas Instruments TUSB422IYFPR Datasheet HTML 8Page - Texas Instruments TUSB422IYFPR Datasheet HTML 9Page - Texas Instruments TUSB422IYFPR Datasheet HTML 10Page - Texas Instruments TUSB422IYFPR Datasheet HTML 11Page - Texas Instruments TUSB422IYFPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
VDD pin
VCONN pin
Internal
POR
VDD(min)
0V
VDD(max)
0V
VCONN(max)
TINT_N_LOW
INT_N pin
0V
VDD_I2C
VOL(min)
0V
Vinternal
8
TUSB422
SLLSEW6 – NOVEMBER 2016
www.ti.com
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Timing Requirements (continued)
MIN
NOM
MAX
UNIT
tHIGH
High period of SCL
0.26
µs
tSU;STA
Setup time for a repeated start
condition
0.26
µs
tHD;DAT
Data Hold Time
0
µs
tSU;DAT
Data setup time
50
µs
tSU;STOP
Setup time for STOP condition
0.26
µs
tBUF
Bus free time between STOP and
START condition
0.5
µs
tVD;DAT
Data valid time
0.45
µs
tVD;ACK
Data valid acknowledge time
0.45
µs
tR_I2C
Rise time of both SDA and SCL
30% to 70%
120
ns
tF_I2C
Fall time of both SDA and SCL
70% to 30%
14
120
ns
VCONN Fault
tVCONN_FAULT_DLY
Delay from VCONN fault detected to
Vconn fault status flag set
20
µs
tVCONN_OPEN
Delay from VCONN fault detected to
Vconn switch opened
50
ns
Power-Up Requirements
tINT_N_LOW
Time from VDD (min) to TUSB422
asserts INT_N low.
Measured from VDD(min) to INT_N pin
at VOL(min).
4
ms
tVDD_RISE
VDD rise time
Measured from 0 V to VDD(min)
40
ms
Sampling timings
tCC_SAMPLE_RATE
Delay from VCONN fault detected to
Vconn fault status flag set
CC_SAMPLE_RATE = 2'b01
2
ms
tVBUSINRATE
The sampling interval of VBUS Voltage CC_SAMPLE_RATE = 2'b01
2.2
ms
Figure 1. Power-Up Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com