Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LS52-16PC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89LS52-16PC
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52-16PC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89LS52-16PC Datasheet HTML 1Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 2Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 3Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 4Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 5Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 6Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 7Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 8Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
Features
• Compatible with MCS-51® Products
• 8K Bytes of In-System Programmable (ISP) Flash Memory
– Endurance: 1000 Write/Erase Cycles
• 2.7V to 4.0V Operating Range
• Fully Static Operation: 0 Hz to 16 MHz
• Three-level Program Memory Lock
• 256 x 8-bit Internal RAM
• 32 Programmable I/O Lines
• Three 16-bit Timer/Counters
• Eight Interrupt Sources
• Full Duplex UART Serial Channel
• Low-power Idle and Power-down Modes
• Interrupt Recovery from Power-down Mode
• Watchdog Timer
• Dual Data Pointer
• Power-off Flag
• Flexible ISP Programming (Byte and Page Modes)
Description
The AT89LS52 is a low-voltage, high-performance CMOS 8-bit microcontroller with 8K
bytes of in-system programmable Flash memory. The device is manufactured using
Atmel’s high-density nonvolatile memory technology and is compatible with the indus-
try-standard 80C51 instruction set and pinout. The on-chip Flash allows the program
memory to be reprogrammed in-system or by a conventional nonvolatile memory pro-
grammer. By combining a versatile 8-bit CPU with in-system programmable Flash on a
monolithic chip, the Atmel AT89LS52 is a powerful microcontroller which provides a
highly-flexible and cost-effective solution to many embedded control applications.
The AT89LS52 provides the following standard features: 8K bytes of Flash, 256 bytes
of RAM, 32 I/O lines, Watchdog timer, two data pointers, three 16-bit timer/counters, a
six-vector two-level interrupt architecture, a full duplex serial port, on-chip oscillator,
and clock circuitry. In addition, the AT89LS52 is designed with static logic for operation
down to zero frequency and supports two software selectable power saving modes.
The Idle Mode stops the CPU while allowing the RAM, timer/counters, serial port, and
interrupt system to continue functioning. The Power-down mode saves the RAM con-
tents but freezes the oscillator, disabling all other chip functions until the next external
interrupt or hardware reset.
8-bit
Low-Voltage
Microcontroller
with 8K Bytes
In-System
Programmable
Flash
AT89LS52
Preliminary
Rev. 2601A–12/01


Similar Part No. - AT89LS52-16PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LS52-16PC ATMEL-AT89LS52-16PC Datasheet
529Kb / 40P
8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - AT89LS52-16PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LS52 ATMEL-AT89LS52_06 Datasheet
529Kb / 40P
8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LS52 ATMEL-AT89LS52_08 Datasheet
602Kb / 39P
8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com