Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LS52-16PC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT89LS52-16PC
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52-16PC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT89LS52-16PC Datasheet HTML 6Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 7Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 8Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 9Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 10Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 11Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 12Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 13Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
AT89LS52
2601A–12/01
Watchdog
Timer
(One-time
Enabled with
Reset-out)
The WDT is intended as a recovery method in situations where the CPU may be subjected to
software upsets. The WDT consists of a 14-bit counter and the Watchdog Timer Reset
(WDTRST) SFR. The WDT is defaulted to disable from exiting reset. To enable the WDT, a
user must write 01EH and 0E1H in sequence to the WDTRST register (SFR location 0A6H).
When the WDT is enabled, it will increment every machine cycle while the oscillator is running.
The WDT timeout period is dependent on the external clock frequency. There is no way to dis-
able the WDT except through reset (either hardware reset or WDT overflow reset). When
WDT overflows, it will drive an output RESET HIGH pulse at the RST pin.
Using the WDT
To enable the WDT, a user must write 01EH and 0E1H in sequence to the WDTRST register
(SFR location 0A6H). When the WDT is enabled, the user needs to service it by writing 01EH
and 0E1H to WDTRST to avoid a WDT overflow. The 14-bit counter overflows when it reaches
16383 (3FFFH), and this will reset the device. When the WDT is enabled, it will increment
every machine cycle while the oscillator is running. This means the user must reset the WDT
at least every 16383 machine cycles. To reset the WDT the user must write 01EH and 0E1H
to WDTRST. WDTRST is a write-only register. The WDT counter cannot be read or written.
When WDT overflows, it will generate an output RESET pulse at the RST pin. The RESET
pulse duration is 98xTOSC, where TOSC=1/FOSC. To make the best use of the WDT, it
should be serviced in those sections of code that will periodically be executed within the time
required to prevent a WDT reset.
WDT During
Power-down
and Idle
In Power-down mode the oscillator stops, which means the WDT also stops. While in Power-
down mode, the user does not need to service the WDT. There are two methods of exiting
Power-down mode: by a hardware reset or via a level-activated external interrupt which is
enabled prior to entering Power-down mode. When Power-down is exited with hardware reset,
servicing the WDT should occur as it normally does whenever the AT89LS52 is reset. Exiting
Power-down with an interrupt is significantly different. The interrupt is held low long enough for
the oscillator to stabilize. When the interrupt is brought high, the interrupt is serviced. To pre-
vent the WDT from resetting the device while the interrupt pin is held low, the WDT is not
started until the interrupt is pulled high. It is suggested that the WDT be reset during the inter-
rupt service for the interrupt used to exit Power-down mode.
To ensure that the WDT does not overflow within a few states of exiting Power-down, it is best
to reset the WDT just before entering Power-down mode.
Before going into the IDLE mode, the WDIDLE bit in SFR AUXR is used to determine whether
the WDT continues to count if enabled. The WDT keeps counting during IDLE (WDIDLE bit =
0) as the default state. To prevent the WDT from resetting the AT89LS52 while in IDLE mode,
the user should always set up a timer that will periodically exit IDLE, service the WDT, and
reenter IDLE mode.
With WDIDLE bit enabled, the WDT will stop to count in IDLE mode and resumes the count
upon exit from IDLE.
UART
The UART in the AT89LS52 operates the same way as the UART in the AT89C51 and
AT89C52. For further information on the UART operation, refer to the ATMEL Web site
(http://www.atmel.com). From the home page, select ‘Products’, then ‘8051-Architecture Flash
Microcontroller’, then ‘Product Overview’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com