Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LS52-16PC Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT89LS52-16PC
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52-16PC Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT89LS52-16PC Datasheet HTML 24Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 25Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 26Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 27Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 28Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 29Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 30Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 31Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
28
AT89LS52
2601A–12/01
Notes:
1. The signature bytes are not readable in Lock Bit Modes 3 and 4.
2. B1 = 0, B2 = 0 ---> Mode 1, no lock protection
B1 = 0, B2 = 1 ---> Mode 2, lock bit 1 activated
B1 = 1, B2 = 0 ---> Mode 3, lock bit 2 activated
B1 = 1, B1 = 1 ---> Mode 4, lock bit 3 activated
After Reset signal is high, SCK should be low for at least 64 system clocks before it goes high to clock in the enable data
bytes. No pulsing of Reset signal is necessary. SCK should be no faster than 1/16 of the system clock at XTAL1.
For Page Read/Write, the data always starts from byte 0 to 255. After the command byte and upper address byte are
latched, each byte thereafter is treated as data until all 256 bytes are shifted in/out. Then the next instruction will be ready
to be decoded.
Table 11. Serial Programming Instruction Set
Instruction
Instruction
Format
Operation
Byte 1
Byte 2
Byte 3
Byte 4
Programming Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
0110 1001
(Output on MISO)
Enable Serial Programming
while RST is high
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
Chip Erase Flash memory
array
Read Program Memory
(Byte Mode)
0010 0000
xxx
Read data from Program
memory in the byte mode
Write Program Memory
(Byte Mode)
0100 0000
xxx
Write data to Program
memory in the byte mode
Write Lock Bits
(2)
1010 1100
1110 00
xxxx xxxx
xxxx xxxx
Write Lock bits. See Note
(2).
Read Lock Bits
0010 0100
xxxx xxxx
xxxx xxxx
xxx
xx
Read back current status of
the lock bits (a programmed
lock bit reads back as a ‘1’)
Read Signature Bytes
(1)
0010 1000
xxx
xxx xxx0
Signature Byte
Read Signature Byte
Read Program Memory
(Page Mode)
0011 0000
xxx
Byte 0
Byte 1... Byte 255
Read data from Program
memory in the Page Mode
(256 bytes)
Write Program Memory
(Page Mode)
0101 0000
xxx
Byte 0
Byte 1... Byte 255
Write data to Program
memory in the Page Mode
(256 bytes)
}Eachofthelockbitsneedstobeactivatedsequentiallybefore
Mode 4 can be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com